Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 75 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 75 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 71Page - STMicroelectronics VX6854LC Datasheet HTML 72Page - STMicroelectronics VX6854LC Datasheet HTML 73Page - STMicroelectronics VX6854LC Datasheet HTML 74Page - STMicroelectronics VX6854LC Datasheet HTML 75Page - STMicroelectronics VX6854LC Datasheet HTML 76Page - STMicroelectronics VX6854LC Datasheet HTML 77Page - STMicroelectronics VX6854LC Datasheet HTML 78Page - STMicroelectronics VX6854LC Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 114 page
background image
DocID027110 Rev 2
75/114
VX6854LC
Electrical characteristics
80
Figure 27. CCI AC characteristics
All timings are measured from either 0.3 VDIG or 0.7 VDIG. For further information on the
CCI interface please refer to the specification document: SMIA 1.0 part 2: CCP
Specification.
7.7
CCP interface
7.7.1
CCP interface - DC specifications
Note:
For further information on the subLVDS refer to the following specification document:
SMIA 1.0 Part 2: CCP2 Specification
SDA
SCL
tHD.STA
tR
tHIGH
tF
tSU.DAT
tHD.DAT
tSU.STA
tSU.STO
...
...
tHD.STA
tLOW
tBUF
stop
start
stop
start
0.7 VDIG
0.3 VDIG
0.3 VDIG
0.7 VDIG
Table 58. CCP interface - DC specifications
Symbol
Parameter
Min.
Typ.
Max.
Unit
VOD
Differential voltage swing(1)
1.
Measured over a 100
Ω load
100
150
200
mV
VCM
Common mode voltage (self biasing)
0.8
0.9
1.0
V
RO
Output Impedance
40
140
Ω
IDR
Drive current range
(internally set by bias circuit)
0.5
1.5
2
mA
PSRR(2)
2.
Nominal value for the interference at VCM voltage through digital supply relative to the interference at digital
supply over the 0-1 GHz operating range. PSRR = 20*log10 (VDIG interference (peak-to-peak) / VCM
interference (peak-to-peak))
0 - 100MHz
-
-
30
dB
100 - 1000MHz
-
-
10
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com