Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 50 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 50 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 46Page - STMicroelectronics VX6854LC Datasheet HTML 47Page - STMicroelectronics VX6854LC Datasheet HTML 48Page - STMicroelectronics VX6854LC Datasheet HTML 49Page - STMicroelectronics VX6854LC Datasheet HTML 50Page - STMicroelectronics VX6854LC Datasheet HTML 51Page - STMicroelectronics VX6854LC Datasheet HTML 52Page - STMicroelectronics VX6854LC Datasheet HTML 53Page - STMicroelectronics VX6854LC Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 114 page
background image
Register map
VX6854LC
50/114
DocID027110 Rev 2
4.28
Shading correction capability registers [0x1900 to 0x1900]
4.29
Defect correction capability registers [0x1903 to 0x1903]
4.30
EDoF capability registers [0x1980 to 0x19C0]
Table 39. Shading correction capability registers [0x1900 to 0x1900]
Index
Byte
Register name
Data type Default Type
Comment
0x1900
shading_correction_capability
8UI
01
RO
VX6854LC supports shading
correction
Table 40. Defect correction capability registers [0x1903 to 0x1903]
Index
Byte
Register name
Data type Default Type
Comment
0x1903
defect_correction_capability
8UI
0F
RO
VX6854LC supports the following
defect correction:
bit0: Mapped couplet correction
bit1: Dynamic couplet correction
bit2: Single pixel defect correction
bit3: Single pixel defect correction
weight adjustment
Table 41. EDoF capability registers [0x1980 to 0x19C0]
Index
Byte
Register name
Data type Default Type
Comment
0x1980
edof_capability
8UI
01
RO
VX6854LC supports EDoF
0x1981
edof_estimation_frames
8UI
01
RO
One estimation frame is required
before EDoF is applied
0x1982
edof_supports_sharpness_adj
8UI
03
RO
VX6854LC supports sharpness
adjustment
0x1983
edof_supports_denoising_adj
8UI
03
RO
VX6854LC supports denoising
adjustment
0x1984
edof_supports_module_specif
ic_adj
8UI
03
RO
VX6854LC supports noise vs details
adjustment
0x1985
edof_supports_depth_of_field
_adj
8UI
00
RO
VX6854LC does not support depth of
field adjustment
0x1986
edof_supports_focus_distanc
e_adj
8UI
03
RO
VX6854LC supports focus distance
adjustment
0x1988
edof_supports_ab_2x2
8UI
02
RO
VX6854LC does not support binning
2x2 with EDoF
0x19C0
edof_estimation_mode_capab
ility
8UI
0F
RO
EDoF supports following types:
bit 0: uniform
bit 1: centre weight
bit2: large spot
bit3: narrow spot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com