Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 18 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 14Page - STMicroelectronics VX6854LC Datasheet HTML 15Page - STMicroelectronics VX6854LC Datasheet HTML 16Page - STMicroelectronics VX6854LC Datasheet HTML 17Page - STMicroelectronics VX6854LC Datasheet HTML 18Page - STMicroelectronics VX6854LC Datasheet HTML 19Page - STMicroelectronics VX6854LC Datasheet HTML 20Page - STMicroelectronics VX6854LC Datasheet HTML 21Page - STMicroelectronics VX6854LC Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 114 page
background image
Functional description
VX6854LC
18/114
DocID027110 Rev 2
3.2
Digital video block
3.2.1
Features
•
Frame rate: 20 frame/s maximum can be reduced down to less than 3 frame/s
(3.15 Mpixel) using frame extension
•
Automatic dark calibration to ensure consistent video level over varying scenes
•
On-chip power-on-reset cell
•
Output format: 3.15 Mpixel 2064 x 1552 (maximum)
3.2.2
Dark calibration algorithm
VX6854LC runs a dark calibration algorithm on the raw image data to control the video
offsets caused by dark current. This ensures that a high quality image is output over a range
of operating conditions. First frame dark level is correctly calibrated, for subsequent frames
the adjustment of the dark level is damped by a leaky integrator function to avoid possible
frame to frame flicker.
3.3
Device operating modes
Figure 6 shows the various operating modes used by the system. The modes are
exaplained in Table 6.
Figure 6. System state diagram
STREAMING
CSI-2
SW-STANDBY
CCP2
SW-STANDBY
CSI-2
HW-STANDBY
CSI-2
POWER-OFF
CSI-2
STREAMING
CCP2
CCI
CCI
CCI
CCI
CCI
CCI
Power supplies ON
Power supplies OFF
CCI and EXTCLK
stopped or
XSHUTDOWN is low
Power supplies OFF
CCI and EXTCLK
stopped or
XSHUTDOWN is low
CCI and EXTCLK
is running and
XSHUTDOWN is high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com