Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 18 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 18 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 14Page - Microchip Technology ATECC508A Datasheet HTML 15Page - Microchip Technology ATECC508A Datasheet HTML 16Page - Microchip Technology ATECC508A Datasheet HTML 17Page - Microchip Technology ATECC508A Datasheet HTML 18Page - Microchip Technology ATECC508A Datasheet HTML 19Page - Microchip Technology ATECC508A Datasheet HTML 20Page - Microchip Technology ATECC508A Datasheet HTML 21Page - Microchip Technology ATECC508A Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 109 page
background image
2.2.3
Write Permissions
The 4-bit WriteConfig field is interpreted by the Write, DeriveKey, GenKey and PrivWrite
commands as shown in Table 2-8, Table 2-9, Table 2-10 and Table 2-11 where “X” means don't care.
Note:  The tables overlap: for example, a code of 0110 indicates a slot which can be written in encrypted
form using the Write command and can also be the target of an unauthorized DeriveKey command with
the target as the source.
KeyType in the KeyConfig field (see Table 2-12) indicates whether the GenKey or DeriveKey
commands can be used on a particular slot; with GenKey for ECC keys only, and DeriveKey for
SHA-256 keys.
See Section Writing ECC Private Keys for special information regarding the writing of ECC private keys.
ECC public keys are treated as normal data, and Write permissions for those slots are described in this
section.
Table 2-8. Write Configuration Bits: Write Command
Bit
15
Bit
14
Bit
13
Bit
12
Mode Name Description
0
0
0
0
Always
Clear text writes are always permitted on this slot. Slots set to always
should never be used as key storage. Either 4 or 32 bytes may be
written to this slot.
0
0
0
1
PubInvalid
If a validated public key is stored in the slot, writes are prohibited. Use
Verify(Invalidate) to invalidate prior to writing. Do not use this
mode unless the slot contains a public key.
0
0
1
X
Never
Writes are never permitted on this slot using the Write command.
Slots set to never can still be used as key storage.
1
0
X
X
Never
Writes are never permitted on this slot using the Write command.
Slots set to never can still be used as key storage.
X
1
X
X
Encrypt
Writes to this slot require a properly computed MAC, and the input
data must be encrypted by the system with WriteKey using the
encryption algorithm documented in the Write command description
(Section Write Command). 4 byte writes to this slot are prohibited.
Table 2-9. Write Configuration Bits: DeriveKey Command
Bit 15 Bit 14 Bit 13 Bit 12 Source
Key(Note)
Description
0
X
1
0
Target
DeriveKey command can be run without authorizing MAC.
(Roll)
1
X
1
0
Target
Authorizing MAC required for DeriveKey command. (Roll)
0
X
1
1
Parent
DeriveKey command can be run without authorizing MAC.
(Create)
1
X
1
1
Parent
Authorizing MAC required for DeriveKey command. (Create)
X
X
0
X
—
Slots with this value in the WriteConfig field may not be used as
the target of the DeriveKey command.
ATECC508A
Device Organization
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com