Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 38 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 38 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 34Page - Microchip Technology ATECC508A Datasheet HTML 35Page - Microchip Technology ATECC508A Datasheet HTML 36Page - Microchip Technology ATECC508A Datasheet HTML 37Page - Microchip Technology ATECC508A Datasheet HTML 38Page - Microchip Technology ATECC508A Datasheet HTML 39Page - Microchip Technology ATECC508A Datasheet HTML 40Page - Microchip Technology ATECC508A Datasheet HTML 41Page - Microchip Technology ATECC508A Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 109 page
background image
Note:  This may result in the loss of data stored in the command output buffer.
5.2
I/O Flags
The system is always the bus master, so before any I/O transaction, the system must send an eight bit
flag to the device to indicate the I/O operation that will be subsequently performed.
Table 5-1. IO Flags
Value Name
Meaning
0x77 Command After this flag, the system starts sending a command group to the device. The first bit of the
group can follow immediately after the last bit of the flag.
0x88 Transmit
This command tells the device to wait for a bus turnaround time and then to start transmitting its
response to the previously transmitted command group.
0xBB Idle
Upon receipt of an idle flag, the device goes into the idle mode and remains there until the next
Wake token is received.
0xCC Sleep
Upon receipt of a sleep flag, the device enters the low-power sleep mode until the next Wake
token is received.
Note: 
All other values are reserved and should not be used.
•
Transmit Flag: Used to turn around the bus so that the ATECC508A can send data back to the
system. The bytes that the device returns to the system depend on the current state of the device
and may include status, error code, or command results.
When the device is busy executing a command, it ignores the SDA pin and any flags that are sent
by the system. See Table 9-4 for each command type’s execution delays. The system must
observe these delays after sending a command to the device.
•
Idle Flag: Used to transition the ATECC508A to the idle mode, which causes the input/output buffer
to be flushed. It does not invalidate the contents of the TempKey and RNG Seed registers. This flag
can be sent to the device during any time that it will accept a flag. When the device is in the idle
mode, the watchdog timer is disabled.
•
Sleep Flag: Transitions the ATECC508A to the low power sleep mode, which causes a complete
reset of the device, including invalidation of the contents of the SRAM and all volatile registers. This
flag can be sent to the device at any time that it will accept a flag.
5.3
Synchronization
Since the communications protocol is half-duplex, there is the possibility that the system and the
ATECC508A will fall out of synchronization with each other. In order to speed recovery, the device
implements a timeout that forces it to sleep under certain circumstances.
5.3.1
I/O Timeout
After a leading transition for any data token has been received, the ATECC508A will expect both the
completion of the token and the start of the next (if this is not the last token of the group) to be properly
received by the device within the tTIMEOUT interval. Failure to send enough bits, or the transmission of an
illegal token (e.g. a low pulse exceeding tZLO), will cause the device to enter the Sleep mode after the
tTIMEOUT interval.
ATECC508A
Single-Wire Interface
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com