Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 28 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 28 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 24Page - Microchip Technology ATECC508A Datasheet HTML 25Page - Microchip Technology ATECC508A Datasheet HTML 26Page - Microchip Technology ATECC508A Datasheet HTML 27Page - Microchip Technology ATECC508A Datasheet HTML 28Page - Microchip Technology ATECC508A Datasheet HTML 29Page - Microchip Technology ATECC508A Datasheet HTML 30Page - Microchip Technology ATECC508A Datasheet HTML 31Page - Microchip Technology ATECC508A Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 109 page
background image
3.
Security Information
3.1
Cryptographic Standards
The ATECC508A follows various industry standards for the computation of cryptographic results. These
reference documents are described in the sections below.
3.1.1
SHA-256
The ATECC508A MAC command calculates the digest of a secret key concatenated with the challenge or
nonce. It optionally includes various other pieces of information stored on the device within the digested
message. The ATECC508A computes the SHA-256 digest based upon the algorithm documented in the
following website:
http://nvlpubs.nist.gov/nistpubs/FIPS/NIST.FIPS.180-4.pdf
The complete SHA-256 message processed by the ATECC508A is listed in Section Security Commands
for each of the particular commands that use the algorithm. Most standard software implementations of
the algorithm automatically add the appropriate number of pad and length bits to this message to match
the operation the device performs internally.
The SHA-256 algorithm is also used for encryption by taking the output digest of the hash algorithm and
XORing it with the plain text data to produce the ciphertext. Decryption is the reverse operation, in which
the ciphertext is XORed with the digest with the result being the plain text.
3.1.2
HMAC/SHA-256
The response to the challenge can also be computed using the HMAC algorithm based upon the
SHA-256 documented at the following website:
https://csrc.nist.gov/csrc/media/publications/fips/198/1/final/documents/fips-198-1_final.pdf
Because of the increased computation complexity, the HMAC command is not as flexible as the MAC
command, and the computation time is extended for HMAC. While the HMAC sequence is not necessary
to ensure the security of the digest, it is included for compatibility with various software packages.
3.1.3
Elliptic Curve Digital Signature Algorithm (ECDSA)
The ATECC508A computes and verifies the Elliptic Curve signatures according to the algorithm
documented in:
ANSI X9.62-2005 https://www.ansi.org/
FIPS 186-4 specification http://nvlpubs.nist.gov/nistpubs/FIPS/NIST.FIPS.186-4.pdf
3.1.4
Elliptic Curve Diffie-Hellman (ECDH)
The ATECC508A executes the ECDH key agreement according to NIST Special Publication 800-56A
recommendations:
http://nvlpubs.nist.gov/nistpubs/SpecialPublications/NIST.SP.800-56Ar2.pdf
https://csrc.nist.gov/csrc/media/publications/sp/800-56a/rev-2/final/documents/draft-sp-800-56a.pdf
The ATECC508A does not implement the KDF portions of these specifications.
ATECC508A
Security Information
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com