Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 26 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 26 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 22Page - Microchip Technology ATECC508A Datasheet HTML 23Page - Microchip Technology ATECC508A Datasheet HTML 24Page - Microchip Technology ATECC508A Datasheet HTML 25Page - Microchip Technology ATECC508A Datasheet HTML 26Page - Microchip Technology ATECC508A Datasheet HTML 27Page - Microchip Technology ATECC508A Datasheet HTML 28Page - Microchip Technology ATECC508A Datasheet HTML 29Page - Microchip Technology ATECC508A Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 109 page
background image
at the time of data/OTP locking. After the data/OTP zones are locked, either the Read, CheckMac, or MAC
commands can be used to validate the slot contents prior to individual slot locking.
Note:  Validation of a public key via the Verify command can occur regardless of the state of the
SlotLocked bit for that slot.
2.5
Static RAM (SRAM) Memory
The device includes an SRAM array that is used to store the input command or output result,
intermediate computation values, and/or an ephemeral key. The entire contents of this memory are
always invalidated whenever the device goes into Sleep mode or the power is removed. The ephemeral
key is named TempKey and can be used as an input to the MAC, HMAC, CheckMac, GenDig, Sign,
Verify, and DeriveKey commands. It is also used as the data protection (encryption or decryption) key
by the Read and Write commands.
2.5.1
TempKey
TempKey is a storage register in the SRAM array that can be used to store an ephemeral result value
from the Nonce, GenDig, SHA, or GenKey commands. The contents of the 32 byte data value in this
register can never be read from the device (although the device itself can read and use the contents
internally). The Info command can be used to return the value of the nine status/flag bits within this
register.
Execution of GenDig or GenKey replaces the old contents of TempKey with the new calculated output,
which is a combination of the old TempKey value and other information. Execution of the Nonce
command or the copy mode of the CheckMac command completely replaces any previous output of the
GenDig or GenKey commands. This register contains the elements shown in the table below:
Table 2-16. TempKey Storage Register
Name
Length
Description
TempKey
256-bit (32 byte) Nonce (from Nonce command) or digest (from GenDig or GenKey(Digest)
commands).
KeyID
4 bits
If TempKey was generated by GenDig or GenKey, these bits indicate which key
was used in its computation. The four bits represent one of the slots of the Data
zone.
SourceFlag
1 bit
The source of the randomness in TempKey:
0 =
Internally generated random number (Rand).
1 =
Input seed only, no internal random generation (Input).
GenDigData
1 bit
0 = TempKey was not generated by GenDig.
1 = The contents of TempKey were generated by GenDig using one of the slots
in the Data zone (and TempKey.KeyID will be meaningful).
GenKeyData
1 bit
0 = TempKey.KeyID was not generated by GenKey.
1 = The contents of TempKey were generated by GenKey using one of the slots
in the Data zone (and TempKey.KeyID will be meaningful).
ATECC508A
Device Organization
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com