Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 14 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 14 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 10Page - Microchip Technology ATECC508A Datasheet HTML 11Page - Microchip Technology ATECC508A Datasheet HTML 12Page - Microchip Technology ATECC508A Datasheet HTML 13Page - Microchip Technology ATECC508A Datasheet HTML 14Page - Microchip Technology ATECC508A Datasheet HTML 15Page - Microchip Technology ATECC508A Datasheet HTML 16Page - Microchip Technology ATECC508A Datasheet HTML 17Page - Microchip Technology ATECC508A Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 109 page
background image
Byte
Name
Description
Write
Read
Bits 1-0: GPIO_Mode (see Section General Purpose I/O Pin).
00 = Disabled. SCL pin is unused should be tied low
on the board.
01 = Authorization modes, bit 3 determines device
operation.
10 = Input. Current value on the SCL pin returned by
Info command.
11 = Output. SCL may be driven high or low by Info
command.
17
Reserved
Reserved. Must be zero.
If Config
unlocked
Always
18
OTPmode
0xAA (Read-only
Mode) =
Writes to the OTP zone are forbidden
when the OTP zone is locked. Reads of
all words are permitted.
0x55 (Consumption
Mode) =
Writes to the OTP zone when the OTP
zone is locked; causes bits to transition
only from a one to a zero. Reads of all
words are permitted.
All other values of OTP mode are reserved and should not be used.
If Config
unlocked
Always
19
ChipMode
Bits 7-3: Must be set to zero.
Bit 2:
Watchdog Duration.
0 =
tWATCHDOG is 1.3s, nominal.
1 =
tWATCHDOG is 10.0s, nominal.
Microchip recommends this be set to zero for the best
security
Bit 1:
TTLenable.
0 =
Input levels use a fixed reference.
1 =
Input levels are VCC referenced.
Bit 0:
SelectorMode.
0 = Selector can always be written with the
UpdateExtra command.
1 = Selector can only be written if it currently has a
value of zero.
If Config
unlocked
Always
20–51 SlotConfig
Two bytes of access and usage permissions and controls for each
slot of the Data zone. See Section SlotConfig (Bytes 20 to 51).
If Config
unlocked
Always
ATECC508A
Device Organization
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com