Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 65 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 65 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 61Page - Microchip Technology ATECC508A Datasheet HTML 62Page - Microchip Technology ATECC508A Datasheet HTML 63Page - Microchip Technology ATECC508A Datasheet HTML 64Page - Microchip Technology ATECC508A Datasheet HTML 65Page - Microchip Technology ATECC508A Datasheet HTML 66Page - Microchip Technology ATECC508A Datasheet HTML 67Page - Microchip Technology ATECC508A Datasheet HTML 68Page - Microchip Technology ATECC508A Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 109 page
background image
Figure 9-1. Data Flow for DeriveKey Command
Match
Parent
Key
Target
Key
SHA
(AUTH)
Input MAC
SHA
(Device)
Mode
Source
Key
Nonce
9.5
ECDH Command
The ECDH command on the ATECC508A computes the NIST ECDH algorithm to create a shared
premaster secret. The generated premaster secret will be either loaded into a slot in the data zone or be
output in the clear. Bit 2 in SlotConfig.ReadKey for the private key must be set to enable the ECDH
operation or this command will return an error.
The host processor may encrypt the premaster secret by writing it into the adjacent slot and then
executing an encrypted read of that slot to securely transfer the secret to the processor. Control of this
capability is determined solely by bit 3 of SlotConfig.ReadKey and cannot be modified with this command.
If this bit is set, then the least significant bit of KeyID (Param2) must be zero, and the premaster secret
slot number will be obtained by adding one to KeyID.
Table 9-16. Input Parameters
Name Size
Notes
Opcode ECDH
1
0x43
Param1 Mode
1
Bits 7-0:
Reserved for future use, must be zero.
Param2 KeyID
2
The private key to be used in the ECDH calculation.
Data1
X
32
The X component of the public key to be used for ECDH calculation.
Data2
Y
32
The Y component of the public key to be used for ECDH calculation.
Table 9-17. Output Parameter
Name
Size
Notes
Response
1 or 32 If the ECDH operation was successful:
•
If specified by SlotConfig.ReadKey<3>, the shared secret in the clear
ATECC508A
Security Commands
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com