Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 74 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 74 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 70Page - Microchip Technology ATECC508A Datasheet HTML 71Page - Microchip Technology ATECC508A Datasheet HTML 72Page - Microchip Technology ATECC508A Datasheet HTML 73Page - Microchip Technology ATECC508A Datasheet HTML 74Page - Microchip Technology ATECC508A Datasheet HTML 75Page - Microchip Technology ATECC508A Datasheet HTML 76Page - Microchip Technology ATECC508A Datasheet HTML 77Page - Microchip Technology ATECC508A Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 109 page
background image
Table 9-27. Input Parameters
Name
Size
Notes
Opcode
INFO
1
0x30
Param1
Mode
1
See Table 9-26.
Param2
Param
2
Use depends on mode.
Data
—
0
Ignored.
Table 9-28. Output Parameters
Name
Size
Notes
Response
4
The information specified by mode or an error code.
Further information on the GPIO mode is as follows:
•
If the GPIO_Mode field within Config.I2C_Address is set to disabled, or if Config.I2C_Enable<0> is
set to I2C mode, then the GPIO mode always returns an error code to the system firmware.
•
If the GPIO_Mode field within Config.I2C_Address is set to Authorization modes, then the operation
depends on I2C_Address<3>. If this bit is zero, then the device is in Authorization Output mode. If
one, then the device is in Intrusion Detection mode.
–
Authorization Output Mode:
Regardless of the state of Param2<1>, on a successful execution the Info command returns
the current state of the output pin. If Param2<1> indicates output and Param2<0> matches
the default output state (I2C_Address<2>), then set the output to the default; otherwise, if
AuthValid is one and AuthKeyID matches SignalKey, then set the output to the opposite of the
default state.
–
Intrusion Detection Mode:
Regardless of the state of Param2<1> on a successful execution the Info command returns
the current state of the intrusion latch. If Param2<1> indicates output, and if AuthValid is one
and AuthKey matches SignalKey, then set the intrusion latch to Param2<0>.
•
If the GPIO_Mode field within Config.I2C_Address is set to Input, then the current state of the GPIO
pin is returned to the system firmware without changing the direction of the GPIO pin. This
command will return an error if Param2<1> (driver state) is set to one (output).
•
If the GPIO_Mode field within Config.I2C_Address is set to Output, then the direction of the GPIO
driver will be set to match Param2<1> to zero for input and one for output. If configured as an
Output, then the value in Param2<0> will be driven to the pin. Regardless of the value in Param2,
the current state of the GPIO pin will be returned to the system in the output response parameter.
9.10
Lock Command
The Lock command prevents future modifications of the Configuration and/or Data and OTP zones. If the
device is so configured, then this command can be used to lock individual data slots. This command fails
if the designated area is already locked.
Prior to locking the configuration and/or Data and OTP zones, the ATECC508A can optionally use the
CRC-16 algorithm to verify the contents of the designated zone(s). The calculation uses the same
algorithm as the CRC computed over the input and output groups. This summary digest (CRC) is always
ignored when locking an individual slot.
ATECC508A
Security Commands
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com