Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 93 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 93 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 89Page - Microchip Technology ATECC508A Datasheet HTML 90Page - Microchip Technology ATECC508A Datasheet HTML 91Page - Microchip Technology ATECC508A Datasheet HTML 92Page - Microchip Technology ATECC508A Datasheet HTML 93Page - Microchip Technology ATECC508A Datasheet HTML 94Page - Microchip Technology ATECC508A Datasheet HTML 95Page - Microchip Technology ATECC508A Datasheet HTML 96Page - Microchip Technology ATECC508A Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 109 page
background image
10.
Compatibility
10.1
Microchip ATSHA204A
ATECC508A is fully compatible with the ATSHA204 and ATSHA204A devices. If properly configured, it
can be used in all situations where the ATSHA204 or ATSHA204A is currently employed. Because the
configuration zone is larger, the personalization procedures for the device must be updated when
personalizing the ATSHA204 or ATSHA204A. For proper compatibility, care should be taken with the
KeyType, ReqRandom, and ReqAuth slots containing keys that are used with ATSHA204 or ATSHA204A
sequences.
10.2
Microchip ATECC108A
ATECC508A is designed to be fully compatible with the ATECC108 and ATECC108A devices. If properly
configured, it can be used in all situations where ATECC108 is currently employed. In many situations,
the ATECC508A can also be used in an ATECC108 application without change. The new revisions
provide significant advantages as outlined below:
•
Additional Features in ATECC508A vs. ATECC108A
–
ECDH Command
–
High Endurance Monotonic Counters
–
Public Key Invalidation via Certificate
•
Minor Changes
–
The GenDig command verifies that a random nonce is used when generating transport keys
–
The Info command DevRev mode now returns 0x1005 for ATECC108A and 0x5000 for
ATECC508A. This value should not be used in the software as it will vary with each minor
revision.
ATECC508A
Compatibility
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com