Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 80 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 80 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 76Page - Microchip Technology ATECC508A Datasheet HTML 77Page - Microchip Technology ATECC508A Datasheet HTML 78Page - Microchip Technology ATECC508A Datasheet HTML 79Page - Microchip Technology ATECC508A Datasheet HTML 80Page - Microchip Technology ATECC508A Datasheet HTML 81Page - Microchip Technology ATECC508A Datasheet HTML 82Page - Microchip Technology ATECC508A Datasheet HTML 83Page - Microchip Technology ATECC508A Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 109 page
background image
Note:  For best security, Microchip recommends that the PrivWrite command not be used, and that
private keys be internally generated from the RNG using the GenKey(Create) command.
The slot indicated by this command must be configured via KeyConfig.Private to contain an ECC private
key, and SlotConfig.IsSecret must be set to one, or else this command will return an error. If the slot is
individually locked using SlotLocked, then this command will also return an error.
The private key data is always sent to the device as a 36 byte integer. It is passed to the device MSB first.
The first four bytes (32 bits) should be zero.
Prior to the data zone being locked, this command can be used to write the slot contents without regards
to the SlotConfig value and/or the method by which TempKey was generated. The input data may or may
not be encrypted based on the zone byte; if the input data is plain text then the MAC is ignored, but if it is
encrypted then the MAC must be present and be properly computed. Prior to the configuration zone
being locked, this command will always return an error.
Once the Data zone is locked, the following is necessary for the write to complete:
•
SlotConfig.IsSecret must be one.
•
SlotConfig.WriteConfig must be set to Encrypt to indicate that writes require encryption. It is not
possible to write to a slot for which WriteConfig is set to any other value.
•
TempKey must be valid, its contents must have been generated using the GenDig command, and
the KeyID used during the GenDig execution must match SlotConfig.WriteKey.
•
Zone<6> must be set to indicate that the input data has been encrypted as follows:
–
The first 32 input bytes should be externally encrypted by XORing their value with the current
value in TempKey. The next four bytes should be externally encrypted by XORing their value
with the first four bytes of SHA-256(TempKey).
•
An input authenticating MAC must be computed as follows:
–
SHA-256(TempKey, Opcode, Param1, Param2, SN<8>, SN<0:1>, <21 bytes of zeros>, 36
bytes of PlainTextData)
KeyConfig.ReqRandom, KeyConfig.ReqAuth and KeyConfig.AuthKey are ignored by this command
because they will have been checked by the GenDig command for the parent encrypting key.
Table 9-40. Input Parameters
Name
Size
Notes
Opcode PRIVWRITE
1
0x46
Param1
Zone
1
Bit 7:
Must be zero.
Bit 6:
0 = The input data is not encrypted: legal only when the Data zone is
unlocked.
1 = The input data is encrypted using TempKey.
Bits 5-0: Must be zero.
Param2
KeyID
2
Key slot to be written.
Data_1
Value
36
Information to be written to the slot may be encrypted. Must be 36 bytes long
regardless of the size of the key.
Data_2
MAC
32
Message Authentication Code to validate EEPROM Write operation.
ATECC508A
Security Commands
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com