Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 71 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 71 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 67Page - Microchip Technology ATECC508A Datasheet HTML 68Page - Microchip Technology ATECC508A Datasheet HTML 69Page - Microchip Technology ATECC508A Datasheet HTML 70Page - Microchip Technology ATECC508A Datasheet HTML 71Page - Microchip Technology ATECC508A Datasheet HTML 72Page - Microchip Technology ATECC508A Datasheet HTML 73Page - Microchip Technology ATECC508A Datasheet HTML 74Page - Microchip Technology ATECC508A Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 109 page
background image
Table 9-22. Mode Encoding
Bits
Meaning
7–5 Must be zero.
4
0 = KeyID points to a private key, and Mode<2> and Mode<3> control device operation.
1 = KeyID must point to a public key, and GenKey only creates the digest in TempKey without any public
key generation operation. Bit 2 and bit 3 of the mode byte are ignored if this bit is set.
3
0 = No PubKey digest is created.
1 = The device creates a PubKey digest based on the private key in KeyID and places it in TempKey.
2
0 = A the private key currently stored in the slot is used to generate the public key.
1 = A random private key is generated and stored in the Slot specified by KeyID. KeyType must indicate an
ECC key in the KeyConfig area for this KeyID or an error will be returned.
1–0 Must be zero.
When a PubKey digest is to be calculated by the GenKey command, the following message is used as
the input to the SHA-256 algorithm:
32 bytes
TempKey
1 byte
Opcode
1 byte
Param1
2 bytes
Param2
1 byte
SN<8>
2 bytes
SN<0:1>
25 bytes
Zeros
64 bytes
X and Y coordinates of the public key
9.8
HMAC Command
The HMAC command computes an HMAC/SHA-256 digest using a key stored in the device over a
challenge, stored in the TempKey register and/or other information stored within the device. The output of
this command is the output of the HMAC algorithm computed over message using the specified key.
The normal command flow to use this command is as follows:
1.
Run Nonce command to load input challenge and optionally combine it with a generated random
number. The result of this operation is a nonce stored internally on the device.
2.
Optionally run GenDig command to combine one or more stored EEPROM locations in the device
with the nonce. The result is stored internally in the device.
3.
Run this HMAC command to combine the output of step one (and step two, if desired) with an
EEPROM key to generate an output response (i.e. digest).
See the SHA command, which can generate an HMAC digest over an arbitrary length message without
any special formatting.
ATECC508A
Security Commands
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com