Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 17 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 17 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 13Page - Microchip Technology ATECC508A Datasheet HTML 14Page - Microchip Technology ATECC508A Datasheet HTML 15Page - Microchip Technology ATECC508A Datasheet HTML 16Page - Microchip Technology ATECC508A Datasheet HTML 17Page - Microchip Technology ATECC508A Datasheet HTML 18Page - Microchip Technology ATECC508A Datasheet HTML 19Page - Microchip Technology ATECC508A Datasheet HTML 20Page - Microchip Technology ATECC508A Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 109 page
background image
Bit
Name
Description
1 = The key stored in the slot is intended for verification usage and cannot be used by the
MAC or HMAC commands. When this key is used to generate or modify TempKey, then
that value may not be used by the MAC and HMAC commands. Also cannot be used with
the SHA command in HMAC mode.
3-0
ReadKey
Use this KeyID to encrypt data being read from this slot using the Read command. See more
information in the description for bit 6 in this table, the Section Read Command, and Table
2-7 for more details.
0x0 = Then this slot can be the source for the CheckMac/Copy operation. See Section
Password Checking.
Do not use zero as a default. Do not set this field to zero unless the CheckMac/
Copy operation is explicitly desired, regardless of any other read/write restrictions.
Slots containing private keys can never be read and this field has a different meaning:
Bit 3: 0 = ECDH master secret will be output in the clear.
1 = Master secret will be written into slot N+1. (Can only be set to 1 for even number
slots and should always be 0 for odd number slots)
This bit is ignored if Bit 2 is zero.
Bit 2: 0 = ECDH operation is not permitted for this key.
1 = ECDH operation is permitted for this key.
Bit 1: 0 = Internal signatures of messages are not enabled.
1 = Internal signatures of messages generated by GenDig or GenKey are enabled.
Bit 0: 0 = External signatures of arbitrary messages are not enabled.
1 = External signatures of arbitrary messages are enabled.
For slots containing public keys that can be validated (PubInfo is one, see Section KeyConfig
(Bytes 96 through 127), this field stores the KeyID that should be used to perform the
validation.
2.2.2
Read Permissions
Read operations for most data slots are controlled by the state of IsSecret and EncryptRead, according to
the following table. ECC private keys can never be read under any circumstances.
Table 2-7. Read Operation Permission
IsSecret EncryptRead Description
0
0
Clear text reads are always permitted from this slot. Slots set to this state should never be
used as key storage. Either 4 or 32 bytes may be read at a time.
0
1
Prohibited. No security is guaranteed for slots using this code.
1
0
Reads are never permitted from this slot. Slots set to this state can still be used for key
storage.
1
1
Reads from this slot are encrypted using the encryption algorithm documented in
Section Read Command. The encryption key is in the slot specified by ReadKey.
4-byte reads and writes are prohibited.
ATECC508A
Device Organization
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com