Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 43 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 43 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 39Page - Microchip Technology ATECC508A Datasheet HTML 40Page - Microchip Technology ATECC508A Datasheet HTML 41Page - Microchip Technology ATECC508A Datasheet HTML 42Page - Microchip Technology ATECC508A Datasheet HTML 43Page - Microchip Technology ATECC508A Datasheet HTML 44Page - Microchip Technology ATECC508A Datasheet HTML 45Page - Microchip Technology ATECC508A Datasheet HTML 46Page - Microchip Technology ATECC508A Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 109 page
background image
Table 6-2. Word Address Values
Name
Value
Description
Reset
0x00
Reset the address counter. The next I2C read or write transaction will start with the
beginning of the I/O buffer.
Sleep
(Low-power)
0x01
The ATECC508A goes into the low power sleep mode and ignores all subsequent I/O
transitions until the next wake flag. The entire volatile state of the device is reset.
Idle
0x02
The ATECC508A goes into the idle mode and ignores all subsequent I/O transitions
until the next wake flag. The contents of TempKey and RNG Seed registers are
retained.
Command
0x03
Write subsequent bytes to sequential addresses in the input command buffer that
follow previous writes. This is the normal operation.
Reserved
0x04 –
0xFF
These addresses should not be sent to the device.
6.2.2
Command Completion Polling
After a complete command has been sent to the ATECC508A, the device will be busy until the command
computation completes. The system has two options for this delay as noted below:
•
Polling:
The system should wait tEXEC (typical) and then send a read sequence (see Section I2C
Transmission from the ATECC508A). If the device NOT ACKs the device address, then it is still
busy. The system may delay for some time or immediately send another read sequence, again
looping on NOT ACK. After a total delay of tEXEC (max), the device will have completed the
computation and return the results.
•
Single Delay:
The system should wait tEXEC (max) after which the device will have completed execution, and the
result can be read from the device using a normal read sequence.
6.3
Sleep Sequence
Upon completion of the use of the ATECC508A by the system, the system should issue a sleep sequence
to put the device into low power mode. This sequence consists of the proper device address followed by
the value of 0x01 as the word address followed by a Stop condition. This transition to the low power state
causes a complete reset of the device’s internal command engine and input/output buffer. It can be sent
to the device at any time when it is awake and not busy.
6.4
Idle Sequence
If the total sequence of required commands exceeds tWATCHDOG, then the device will automatically go to
sleep and lose any information stored in the volatile registers. This action can be prevented by putting the
device into the idle mode prior to completion of the watchdog interval. When the device receives the
Wake token, it will then restart the watchdog timer and execution can be continued.
The idle sequence consists of the proper device address followed by the value of 0x02 as the word
address followed by a Stop condition. It can be sent to the device at any time when it is awake and not
busy.
ATECC508A
I2C Interface
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com