Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 52 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 52 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 48Page - Microchip Technology ATECC508A Datasheet HTML 49Page - Microchip Technology ATECC508A Datasheet HTML 50Page - Microchip Technology ATECC508A Datasheet HTML 51Page - Microchip Technology ATECC508A Datasheet HTML 52Page - Microchip Technology ATECC508A Datasheet HTML 53Page - Microchip Technology ATECC508A Datasheet HTML 54Page - Microchip Technology ATECC508A Datasheet HTML 55Page - Microchip Technology ATECC508A Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 109 page
background image
8.3.2
AC Parameters: I2C Interface
Figure 8-3. I2C Synchronous Data Timing
SCL
SDA IN
SDA OUT
t
F
t
HIGH
t
LOW
t
LOW
t
R
t
AA
t
DH
t
BUF
t
SU.STO
t
SU.DAT
t
HD.DAT
t
HD.STA
t
SU.STA
Table 8-4. AC Characteristics of I2C Interface
Unless otherwise specified, applicable over recommended operating range from TA = -40°C to + 85°C, VCC = +2.0V
to +5.5V,
CL = 1 TTL Gate and 100 pF.
Parameter
Symbol
Min
Max
Units
SCK Clock Frequency
fSCK
0
1
MHz
SCK High Time
tHIGH
400
ns
SCK Low Time
tLOW
400
ns
Start Setup Time
tSU.STA
250
ns
Start Hold Time
tHD.STA
250
ns
Stop Setup Time
tSU.STO
250
ns
Data In Setup Time
tSU.DAT
100
ns
Data In Hold Time
tHD.DAT
0
ns
Input Rise Time(1)
tR
300
ns
Input Fall Time(1)
tF
100
ns
Clock Low to Data Out Valid
tAA
50
550
ns
Data Out Hold Time
tDH
50
ns
SMBus Timeout Delay
tTIMEOUT
25
75
ms
Time bus must be free before a new transmission can start. (1)
tBUF
500
ns
Note: 
1.
Values are based on characterization and are not tested
2.
AC measurement conditions:
–
RL (connects between SDA and VCC): 1.2 kΩ (for VCC +2.0V to +5.0V)
–
Input pulse voltages: 0.3 VCC to 0.7 VCC
–
Input rise and fall times: ≤ 50 ns
–
Input and output timing reference voltage: 0.5VCC
ATECC508A
Electrical Characteristics
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com