Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 33 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 33 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 29Page - Microchip Technology ATECC508A Datasheet HTML 30Page - Microchip Technology ATECC508A Datasheet HTML 31Page - Microchip Technology ATECC508A Datasheet HTML 32Page - Microchip Technology ATECC508A Datasheet HTML 33Page - Microchip Technology ATECC508A Datasheet HTML 34Page - Microchip Technology ATECC508A Datasheet HTML 35Page - Microchip Technology ATECC508A Datasheet HTML 36Page - Microchip Technology ATECC508A Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 109 page
background image
signature calculated using the corresponding private key calculated over the nonce stored in
TempKey. This signature is then validated.
Depending upon the configuration of the slot containing the authorizing secret, a token can be externally
stored, which can be repeatedly used for key authorization. If the authorizing slot is configured to require
a random nonce (KeyConfig.ReqRandom is one), then a stored authorizing token will not work, and the
authorizing digest or signature will have to be computed on the fly by the authorizing agent using the
random nonce generated by the device.
3.3
Security Features
3.3.1
Physical Security
The ATECC508A incorporates a number of physical security features designed to protect the EEPROM
contents from unauthorized exposure. The security measures include:
•
Active Shield Circuitry
•
Internal Memory Encryption
•
Glitch Protection
•
Voltage Tamper Detection
Pre-programmed transport keys stored on the ATECC508A are encrypted in such a way as to make
retrieval of their values using outside analysis very difficult.
Both the logic clock and logic supply voltage are internally generated, thus preventing any direct attack on
these two signals using the pins of the device.
3.3.2
Random Number Generator (RNG)
The ATECC508A includes a high-quality RNG which returns 32 random bytes to the system. See https://
csrc.nist.gov/projects/cryptographic-algorithm-validation-program/validation/validation-list/drbg for further
documentation on NIST CAVP certification of this RNG. The RNG of the ATECC508A is identical to that
of the ATECC108A. The device generally combines this generated number with a separate input number
to form a nonce that is stored within the device in TempKey and may be used by subsequent commands.
The system may use this RNG for any purpose. The device provides a special Random command for
such purposes that do not affect the internally stored nonce.
Random numbers are generated from a combination of the output of a hardware RNG and an internal
seed value, which is not externally accessible. The internal seed is stored in the EEPROM and is
normally updated once after every power-up or sleep/wake cycle. After the update, this seed value is
retained in registers within the device that are invalidated if the device enters Sleep mode, or the power is
removed.
To simplify system testing, prior to Config Locking the RNG always returns the following value:
ff ff 00 00 ff ff 00 00 …
where ff is the first byte read from the device and the first byte into the SHA message.
ATECC508A
Security Information
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com