Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 87 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 87 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 83Page - Microchip Technology ATECC508A Datasheet HTML 84Page - Microchip Technology ATECC508A Datasheet HTML 85Page - Microchip Technology ATECC508A Datasheet HTML 86Page - Microchip Technology ATECC508A Datasheet HTML 87Page - Microchip Technology ATECC508A Datasheet HTML 88Page - Microchip Technology ATECC508A Datasheet HTML 89Page - Microchip Technology ATECC508A Datasheet HTML 90Page - Microchip Technology ATECC508A Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 109 page
background image
•
If Mode<1> is set, The command implements a fast decrement of the limited use counters which
may be associated with a particular key.
–
If the slot indicated by the “NewValue” param does not contain a key for which limited use is
implemented or enabled, then the command returns silently without taking any action.
–
If the indicated slot contains a limited use key, which does not have any uses remaining, then
the command returns an error.
•
If the mode parameter indicates UserExtra at address 84:
–
If the current value in UserExtra (byte 84 of configuration zone) is zero, then UpdateExtra
writes this byte with the LSB of NewValue and returns success.
–
If the current value in UserExtra is non-zero, then the command returns an execution error.
•
If the mode parameter indicates Selector at address 85:
–
If the SelectorMode (ChipMode.Bit0 of the device mode within the configuration zone) is set
to one and Selector (byte 85 of the configuration zone) is non-zero, then this command will
Write Selector with the LSB of NewValue and return success.
–
If SelectorMode is cleared, indicating that no check of the current Selector should be made,
then this command always updates Selector and always succeeds.
Table 9-52. Input Parameters
Name
Size
Notes
Opcode UpdateExtra
1
0x20
Param1
Mode
1
Bits 7–2: Must be zero.
Bit 1:
0 = Update Config byte 84 or 85.
1 = Ignore bit 0, and decrement the limited use counter associated with
the key in slot NewValue
Bit 0:
0 = Update Config byte 84.
1 = Update Config byte 85.
Param2
NewValue
2
LSB:
Value to optionally be written to location 84 or 85 in Configuration zone.
MSB: Must be 0x00.
Data
—
0
Table 9-53. Output Parameter
Name
Size
Notes
Success
1
If the memory byte was updated, this command returns a value of 0x00; otherwise, it returns an
execution error.
9.20
Verify Command
The Verify command takes an ECDSA <R,S> signature and verifies that it is correctly generated from a
given message and public key. In all cases, the signature is an input to the command.
The Verify command can operate in four different modes:
ATECC508A
Security Commands
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com