Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 29 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 29 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 25Page - Microchip Technology ATECC508A Datasheet HTML 26Page - Microchip Technology ATECC508A Datasheet HTML 27Page - Microchip Technology ATECC508A Datasheet HTML 28Page - Microchip Technology ATECC508A Datasheet HTML 29Page - Microchip Technology ATECC508A Datasheet HTML 30Page - Microchip Technology ATECC508A Datasheet HTML 31Page - Microchip Technology ATECC508A Datasheet HTML 32Page - Microchip Technology ATECC508A Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 109 page
background image
3.2
Key Uses and Restrictions
Any slot in the EEPROM data zone can be used to store a secret or private key. There are a number of
ways in which the keys stored within the device can be used and/or their access restricted. See the
following sections Diversified Keys to Authorized Keys for some of these concepts.
The device should be properly configured to prevent any unwanted read and write access to all key slots,
including the setting of the IsSecret bit. Private keys can never be read from the device regardless of the
values in the configuration zone.
With the exception of transport keys documented in section Transport Keys, the most significant 12 bits of
all KeyID parameters should be zero.
3.2.1
Diversified Keys
If the host or validating entity has a place to securely store secrets, or contains an ATECC508A device,
the secret key values stored in the EEPROM slot(s) of the clients can be diversified by using the serial
number embedded in the device (SN<0:8>). In this manner, every client device can have a unique key,
which can provide extra protection against known plaintext attacks and permit compromised serial
numbers to be identified and blacklisted.
To implement this operation, a root secret is externally combined with the device’s serial number during
personalization by using some cryptographic algorithm, and the result is written to the ATECC508A key
slot.
The ATECC508A GenDig and CheckMac commands provide a mechanism to securely generate and
compare diversified keys, thereby eliminating this requirement from the host system.
Consult the following application note for more details:
http://ww1.microchip.com/downloads/en/appnotes/doc8666.pdf
3.2.2
Rolled Keys
In order to prevent repeated uses of the same secret key value, the ATECC508A supports key rolling.
Normally, after a certain number of uses (perhaps as few as one), the current key value is replaced with
the SHA-256 digest of its current value combined with some offset, which may either be a constant,
something related to the current system (for example, a serial number or model number), or a random
number.
This capability is implemented using the DeriveKey command. Prior to execution of the DeriveKey
command, the Nonce command must be run to load the offset into TempKey.
One use for this capability is to permanently remove the original key from the device, and replace it with a
key that is only useful in a particular environment. After the key is rolled, there is no possible way to
retrieve the old key’s value, which improves the security of the system.
Note:  Any power interruption during the execution of the DeriveKey command in Roll mode may cause
the key to have an unknown value. If writing to a slot is enabled using bit 14 of SlotConfig, such keys can
be written in encrypted and authenticated form using the Write command. Alternatively, multiple copies
of the key can be stored in multiple slots so that failure of a single slot does not incapacitate the system.
3.2.3
Created ECC Keys
For the highest security, private ECC keys may be created within the ATECC508A using the internal high
quality RNG. These keys are guaranteed to be unique to this device since there is no mechanism for
reading the value of an ECC private key from the ATECC508A.
ATECC508A
Security Information
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com