Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 79 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 79 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 75Page - Microchip Technology ATECC508A Datasheet HTML 76Page - Microchip Technology ATECC508A Datasheet HTML 77Page - Microchip Technology ATECC508A Datasheet HTML 78Page - Microchip Technology ATECC508A Datasheet HTML 79Page - Microchip Technology ATECC508A Datasheet HTML 80Page - Microchip Technology ATECC508A Datasheet HTML 81Page - Microchip Technology ATECC508A Datasheet HTML 82Page - Microchip Technology ATECC508A Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 109 page
background image
If Mode<1:0> is 0b11, then this command operates in pass-through mode, the input parameter (NumIn)
must be 32 bytes long and TempKey is loaded with NumIn. No SHA-256 calculation is performed, no data
is returned to the system, and TempKey.SourceFlag is set to Input.
Table 9-37. Mode Encoding
Bits
Meaning
7–2 Must be zero.
1–0
00 = Combine new random number with NumIn, store in TempKey. Automatically update EEPROM seed
only if necessary prior to random number generation. Recommended for highest security.
01 = Combine new random number with NumIn, store in TempKey. Generate random number using
existing EEPROM seed, do not update EEPROM seed. (Not recommended for general use.)
10 =
Invalid.
11 =
Operate in pass-through mode and Write TempKey with NumIn.
9.13
Pause Command
All devices on the bus for which the configuration Selector byte does not match the input Selector
parameter will go to the idle mode. This command is used to prevent bus conflicts in a system that
includes multiple ATECC508A devices sharing the same bus.
This command differs from the Idle Flag/Sequence in that individual devices on the single pin bus may be
selected to go into the idle mode, as opposed to the Idle Flag which causes all the CryptoAuthentication
devices on the bus into the idle mode.
If the EEPROM Selector byte does not match the input selector parameter, then the device will
immediately go to the idle mode and no result information will be available. If the input selector parameter
does match the configuration Selector byte, then the device returns a success code of 0x00.
The Pause command cannot be used to put the devices into the sleep mode.
Table 9-38. Input Parameters
Name
Size
Notes
Opcode
PAUSE
1
0x01
Param1
Selector
1
All devices that do not match this value go to idle mode.
Param2
Zero
2
Must be 0x0000.
Data
Ignored
0
Table 9-39. Output Parameter
Name
Size
Notes
Success
1
If the command indicates that some other device should idle, ATECC508A returns a value of 0x00.
If this device goes to idle, no value is returned.
9.14
PrivWrite Command
The PrivWrite command is used to write externally generated ECC private keys into the device.
ATECC508A
Security Commands
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com