Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 53 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 53 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 49Page - Microchip Technology ATECC508A Datasheet HTML 50Page - Microchip Technology ATECC508A Datasheet HTML 51Page - Microchip Technology ATECC508A Datasheet HTML 52Page - Microchip Technology ATECC508A Datasheet HTML 53Page - Microchip Technology ATECC508A Datasheet HTML 54Page - Microchip Technology ATECC508A Datasheet HTML 55Page - Microchip Technology ATECC508A Datasheet HTML 56Page - Microchip Technology ATECC508A Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 109 page
background image
8.4
DC Parameters: All I/O Interfaces
Table 8-5. DC Parameters on All I/O Interfaces
Parameter
Symbol Min Typ Max Unit Conditions
Ambient Operating
Temperature
TA
-40
—
85
°C
Power Supply Voltage
VCC
2.0
—
5.5
V
Active Power Supply
Current
ICC
—
3
6
mA
Waiting for I/O during I/O transfers or execution of
non-ECC commands.
—
—
16
mA
During ECC command execution.
Idle Power Supply Current
IIDLE
— 800
—
µA
When device is in idle mode,
VSDA and VSCL < 0.4V or > VCC – 0.4
Sleep Current
ISLEEP —
30
150
nA
When device is in sleep mode, VCC ≤ 3.6V,
VSDA and VSCL < 0.4V or > VCC – 0.4, TA ≤
+55°C
—
—
2
µA
When device is in sleep mode.
Output Low Voltage
VOL
—
—
0.4
V
When device is in active mode,
VCC = 2.5 – 5.5V
Output Low Current
IOL
—
—
4
mA
When device is in active mode,
VCC = 2.5 – 5.5V, VOL = 0.4V
Theta JA
ƟJA
— 166
—
°C/W SOIC (SSH)
— 173
—
°C/W UDFN (MAH)
— 146
—
°C/W RBH
8.4.1
VIH and VIL Specifications
The input levels of the device will vary dependent on the mode and voltage of the device. The input
voltage thresholds when in sleep or idle mode are dependent on the VCC level as shown in Figure 8-4.
When in sleep or idle mode the TTLenable bit has no effect.
When the device is active (i.e. not in sleep or idle mode), the input voltage thresholds are different
depending upon the state of TTLenable (bit 1) within the ChipMode byte in the Configuration zone of the
EEPROM. If the voltage supplied to the VCC pin of the ATECC508A is different than the system voltage to
which the input pull-up resistor is connected, then the system designer may choose to set TTLenable to
zero, which enables a fixed input threshold shown by curves VIL_ACT and VIH_ACT in Figure 8-4. Table
8-6 which applies only when the device is active, presents the guaranteed levels of operation when
operating in this mode.
Table 8-6. VIL, VIH on All I/O Interfaces (TTLenable = 0)
Parameter
Symbol Min Typ
Max
Unit Conditions
Input Low Voltage
VIL
-0.5
0.5
V
When device is active and TTLenable bit in configuration
memory is zero; otherwise see above.
Input High Voltage
VIH
1.5
VCC + 0.5
V
When device is active and TTLenable bit in configuration
memory is zero; otherwise see above.
ATECC508A
Electrical Characteristics
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com