Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 57 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 57 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 53Page - Microchip Technology ATECC508A Datasheet HTML 54Page - Microchip Technology ATECC508A Datasheet HTML 55Page - Microchip Technology ATECC508A Datasheet HTML 56Page - Microchip Technology ATECC508A Datasheet HTML 57Page - Microchip Technology ATECC508A Datasheet HTML 58Page - Microchip Technology ATECC508A Datasheet HTML 59Page - Microchip Technology ATECC508A Datasheet HTML 60Page - Microchip Technology ATECC508A Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 109 page
background image
State Description
Error/
Status
Description
Watchdog About to Expire
0xEE
There is insufficient time to execute the given command before the
watchdog timer will expire. The system must reset the watchdog timer by
entering the idle or sleep modes.
CRC or Other
Communications Error
0xFF
Command was not properly received by ATECC508A and should be
re-transmitted by the I/O driver in the system. No attempt was made to
parse or execute the command.
9.1.3
Command Opcodes, Short Descriptions, and Execution Times
During parsing of the parameters and subsequent execution of a properly received command, the device
will be busy and not respond to transitions on the pins. The interval during which the device will be busy
varies depending upon the command and its parameter values, the state of the device, the environmental
conditions, and other factors according to the following table:
Table 9-4. Command Opcodes, Short Descriptions, and Execution Time
Command
Opcode Description
Typ. Exec.
Time(1)
Max. Exec.
Time(2)
Unit
CheckMac
0x28
Verify a MAC calculated on another CryptoAuthentication
device.
5
13
ms
Counter
0x24
Read or increment one of the monotonic counters
5
20
ms
DeriveKey
0x1C
Derive a target key value from the target or parent key.
2
50
ms
ECDH
0x43
Generate an ECDH master secret using stored private
key and input public key.
38
58
ms
GenDig
0x15
Generate a data digest from a random or input seed and
a key.
5
11
ms
GenKey
0x40
Generate an ECC public key. Optionally generate an ECC
private key.
11
115
ms
HMAC
0x11
Calculate response from key and other internal data using
HMAC/SHA-256.
13
23
ms
Info
0x30
Return device state information.
0.1
1
ms
Lock
0x17
Prevent further modifications to a zone of the device.
8
32
ms
MAC
0x08
Calculate response from key and other internal data using
SHA-256.
5
14
ms
Nonce
0x16
Generate a 32-byte random number and an internally
stored Nonce.
0.1
7
ms
Pause
0x01
Selectively put just one device on a shared bus into the
idle mode.
0.1
3
ms
PrivWrite
0x46
Write an ECC private key into a slot in the Data zone.
0.8
48
ms
Random
0x1B
Generate a random number.
1
23
ms
Read
0x02
Read four bytes from the device, with or without
authentication and encryption.
0.1
1
ms
Sign
0x41
ECDSA signature calculation.
42
50
ms
ATECC508A
Security Commands
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com