Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 69 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 69 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 65Page - Microchip Technology ATECC508A Datasheet HTML 66Page - Microchip Technology ATECC508A Datasheet HTML 67Page - Microchip Technology ATECC508A Datasheet HTML 68Page - Microchip Technology ATECC508A Datasheet HTML 69Page - Microchip Technology ATECC508A Datasheet HTML 70Page - Microchip Technology ATECC508A Datasheet HTML 71Page - Microchip Technology ATECC508A Datasheet HTML 72Page - Microchip Technology ATECC508A Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 109 page
background image
1 byte
SN<8>
2 bytes
SN<0:1>
1 byte
Zero
2 bytes
SlotConfig<KeyID>
2 bytes
KeyConfig<KeyID>
1 byte
SlotLocked<KeyID> (Byte is 0x01 if SlotLocked Bit is set otherwise 0x00)
19 bytes
Zeros
32 bytes
TempKey.value
In all other cases, the message use to create TempKey is as follows:
32 bytes
OTP<KeyID> or Slot<KeyID> or TransportKey<KeyID>
1 byte
Opcode
1 byte
Param1
2 bytes
Param2
1 byte
SN<8>
2 bytes
SN<0:1>
25 bytes
Zeros
32 bytes
TempKey.value
9.7
GenKey Command
The GenKey command performs one or more of the following three operations:
1.
Private Key Creation:
Creates a new random private key and writes that key into the slot specified by the KeyID
parameter. The EEPROM RNG seed will automatically be updated prior to the execution of this
command if it has not been already updated this power cycle.
2.
Public Key Computation:
Generates an ECC public key based upon the private key stored in the slot defined by the KeyID
parameter. This mode of the command may be used to avoid storing the public key on the device at
the expense of the time required to regenerate it.
3.
Digest Calculation:
GenKey can also combine a public key referenced by the KeyID parameter with the current value
stored in TempKey, calculate a SHA-256 digest of the resulting message, and place that digest
back into TempKey. This digest can be used as the message for an internal signature, or as a
component of a MAC computation. TempKey must be valid prior to digest calculation. If
KeyConfig.ReqRandom is set, then TempKey must have been created using the internal RNG.
The digest calculation operation can be performed by using either a public key computed from a private
key in a slot or by using a public key already stored in a slot. In the latter case, the appropriate checks for
prior authorization and limited use will be performed on the public key slot, and the remaining checks
indicated below will not be performed. When GenKey is used to calculate a digest on a public key slot, it
ignores the validity status of the public key.
ATECC508A
Security Commands
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com