Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 25 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 25 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 21Page - Microchip Technology ATECC508A Datasheet HTML 22Page - Microchip Technology ATECC508A Datasheet HTML 23Page - Microchip Technology ATECC508A Datasheet HTML 24Page - Microchip Technology ATECC508A Datasheet HTML 25Page - Microchip Technology ATECC508A Datasheet HTML 26Page - Microchip Technology ATECC508A Datasheet HTML 27Page - Microchip Technology ATECC508A Datasheet HTML 28Page - Microchip Technology ATECC508A Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 109 page
background image
Table 2-14. Data and OTP Zone Access Restrictions
Read Access
Write Access
LockValue == 0x55 (unlocked)
<Never>
Write
LockValue != 0x55 (locked)
Read
WriteNote
Note:  After the data/OTP zones are locked using LockValue, reads and writes of the OTP zone
additionally depend on the state of the OTP mode bytes in the Configuration zone. See EEPROM One
Time Programmable (OTP) Zone for more information.
2.4.3
Individual Slot Locking
ATECC508A provides a mechanism for one-time locking of any of the 16 data slots. Once a slot is
individually locked, the slot can no longer be modified under any circumstances. This mechanism is
controlled by the 16-bit field SlotLocked in the configuration zone and the Lockable bit within each of the
16 KeyConfig words. The SlotLocked and lockable bits can be freely written using the Write command
prior to locking of the configuration zone.
•
SlotLocked Bits
If the SlotLocked bit for a particular slot is set to zero after the configuration zone is locked, then
modification of that slot via the PrivWrite, Write, GenKey, and/or DeriveKey commands is
permanently prohibited, regardless of the state of the corresponding Lockable, SlotConfig and/or
KeyConfig bits. When SlotLocked is zero, then the corresponding slot cannot be written even if the
data zone is unlocked.
•
Lockable Bits
After the configuration zone is locked, the state of the Lockable bit for a particular slot controls
whether or not the Lock command will be permitted to change the SlotLocked bit for the
corresponding slot, per the table below. If Lockable is one, then the Lock command can be used to
modify the SlotLocked bit either before or after the Data zone is locked.
Table 2-15. Individual Slot Locking After Configuration Zone is Locked
SlotLocked Bit Lockable Bit Lock Command PrivWrite, Write, DeriveKey,
and GenKey Commands
Notes
0
0 or 1
No
No
Not writeable.
1
0
No
Yes
Writeable but not lockable.
1
1
Yes
Yes
Writeable and lockable.
Individually lockable slots can contain either secret information or readable data and may be used in one
of two ways:
•
The Configuration zone and non-lockable data slots should be initialized and locked in the usual
manner by the OEM. After the data zone has been locked, those particular slots marked as
lockable can then be modified and individually locked in the field at some point in the future.
•
After the configuration zone is locked, some slots can be personalized and locked by the OEM prior
to transfer of the device/component to a second party such as a subcontractor or distributor that
personalizes the remaining slots, and then locks the data zone prior to shipment of the device into
the field.
The Lock command does not provide a CRC validation mechanism when using the individual slot locking
mechanism. If slots are locked prior to locking of the entire data zone, then the contents may be validated
ATECC508A
Device Organization
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com