Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 41 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 41 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 37Page - Microchip Technology ATECC508A Datasheet HTML 38Page - Microchip Technology ATECC508A Datasheet HTML 39Page - Microchip Technology ATECC508A Datasheet HTML 40Page - Microchip Technology ATECC508A Datasheet HTML 41Page - Microchip Technology ATECC508A Datasheet HTML 42Page - Microchip Technology ATECC508A Datasheet HTML 43Page - Microchip Technology ATECC508A Datasheet HTML 44Page - Microchip Technology ATECC508A Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 109 page
background image
Figure 6-1. Data Bit Transfer on I2C Interface
SCL
Data Line
Stable;
Data Valid
Change
of Data
Allowed
SDA
•
Start Condition: A high-to-low transition of SDA with SCL high is a Start condition which must
precede all commands.
•
Stop Condition: A low-to-high transition of SDA with SCL high is a Stop condition. After this
condition is received by the device, the current I/O transaction ends. On input, if the device has
sufficient bytes to execute a command, the device transitions to the busy state and begins
execution. The Stop condition should always be sent at the end of any packet sent to the device.
Figure 6-2. Start and Stop Conditions on I2C Interface
SCL
SDA
Start
Condition
Stop
Condition
S
P
•
Acknowledge (ACK): on the ninth clock cycle after every address or data byte is transferred, the
receiver will pull the SDA pin low to acknowledge proper reception of the byte.
•
Not Acknowledge (NOT ACK): alternatively, on the ninth clock cycle after every address or data
byte is transferred, the receiver can leave the SDA pin high to indicate that there was a problem
with the reception of the byte or that this byte completes the group transfer.
Figure 6-3. NOT ACK and ACK Conditions on I2C Interface
Data Output
by Receiver
SCL from
Master
Data Output
by Transmitter
Clock Pulse for
Acknowledgment
Start
Condition
S
Not Acknowledge
Acknowledge
1
2
8
9
Multiple ATECC508A devices can easily share the same I2C interface signals if the I2C_Address byte in
the Configuration zone is programmed differently for each device on the bus. Since all seven of the bits of
the device address are programmable, ATECC508A can also share the I2C interface with any I2C device,
including any Serial EEPROM.
ATECC508A
I2C Interface
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com