Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 64 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 64 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 60Page - Microchip Technology ATECC508A Datasheet HTML 61Page - Microchip Technology ATECC508A Datasheet HTML 62Page - Microchip Technology ATECC508A Datasheet HTML 63Page - Microchip Technology ATECC508A Datasheet HTML 64Page - Microchip Technology ATECC508A Datasheet HTML 65Page - Microchip Technology ATECC508A Datasheet HTML 66Page - Microchip Technology ATECC508A Datasheet HTML 67Page - Microchip Technology ATECC508A Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 109 page
background image
DeriveKey. If performing a Create Key operation and KeyConfig<ParentKey>.ReqAuth is one, then the
appropriate authorization must have been performed using KeyConfig<ParentKey>.AuthKey prior to the
execution of DeriveKey.
If an input MAC is required and KeyConfig<ParentKey>.ReqAuth is one, then the appropriate
authorization must have been performed using KeyConfig<ParentKey>.AuthKey prior to the execution of
DeriveKey.
If a parent key is involved in the operation (either SlotConfig<TargetKey>.Bit12 or
SlotConfig<TargetKey>.Bit15 are set) and SlotConfig<ParentKey>.LimitedUse is also set, DeriveKey
returns an error if Counter<0> has reached its limit. DeriveKey always ignores LimitedUse for the target
key.
Note:  If the source and target key are the same, then there is a risk of permanent loss of the key value if
power is interrupted during the write operation. If the configuration bits permit it, then the key value may
be recovered using an authenticated and encrypted Write based on the parent key.
Table 9-14. Input Parameters
Name
Size
Notes
Opcode DeriveKey
1
0x1C
Param1 Mode
1
Bits 7-3: Must be zero.
Bit 2:
The value of this bit must match the value in TempKey.SourceFlag or the
command will return an error.
Bits 1-0: Must be zero.
Param2 TargetKey
2
Key slot to be written.
Data
MAC
0 or 32 Optional MAC used to validate operation.
Table 9-15. Output Parameter
Name
Size
Notes
Success
1
Upon successful completion, the ATECC508A returns a value of zero.
The key written to the target slot is the result of SHA-256 of the following message:
32 bytes
Target or Parent key (depending upon SlotConfig<12>)
1 byte
Opcode
1 byte
Param1
2 bytes
Param2
1 byte
SN<8>
2 bytes
SN<0:1>
25 bytes
Zeros
32 bytes
TempKey.value
The data flow for this command is illustrated below.
ATECC508A
Security Commands
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com