Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 82 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 82 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 78Page - Microchip Technology ATECC508A Datasheet HTML 79Page - Microchip Technology ATECC508A Datasheet HTML 80Page - Microchip Technology ATECC508A Datasheet HTML 81Page - Microchip Technology ATECC508A Datasheet HTML 82Page - Microchip Technology ATECC508A Datasheet HTML 83Page - Microchip Technology ATECC508A Datasheet HTML 84Page - Microchip Technology ATECC508A Datasheet HTML 85Page - Microchip Technology ATECC508A Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 109 page
background image
If reading from a slot in which SlotConfig.EncryptRead is set, the GenDig command must have been run
prior to the execution of this command to generate the key that will be used for encryption. The key
specified in SlotConfig.ReadKey must have been used in the GenDig calculation. The device encrypts
data to be read by XORing each byte read from the EEPROM with the corresponding byte from TempKey.
Encrypted reads of the configuration and/or OTP zones are not permitted.
Note:  KeyConfig.ReqRandom, KeyConfig.ReqAuth, and KeyConfig.AuthKey are ignored by this
command because they will have been checked by the GenDig command for the parent encrypting key.
The byte addresses to be read should be divided by four (drop the least-significant two bits) before being
passed to the device. If 32 bytes are being read, then the least-significant three bits of the input address
are ignored. Addresses beyond the end of the specified zone result in an error.
The following restrictions apply to the three zones:
•
Configuration Zone:
The words within this zone are always readable using this command, regardless of the value of
LockConfig.
•
OTP Zone:
If the OTP zone is unlocked this command returns an error. Once locked, if OTPmode is set to a
non-zero value and the address points to either word zero or one, then the command also returns
an error; otherwise, the corresponding word within the OTP zone is returned in the clear.
•
Data Zone:
If the data zone is unlocked, this command returns an error; otherwise, the values within the
corresponding SlotConfig word control access to the data slot. If SlotConfig.IsSecret is set and a
four byte read is attempted, the device returns an error. If EncryptRead is set, this command
encrypts the data as specified above. If IsSecret is set and EncryptRead is clear, this command
returns an error. If IsSecret is clear and EncryptRead is clear, this command returns the desired slot
in the clear.
Partial data blocks are always zero extended to 32 bytes before being encrypted.
Table 9-45. Input Parameters
Name
Size
Notes
Opcode
READ
1
0x02
Param1
Zone
1
Bit 7:
0 = 4 Bytes are read.
1 = 32 bytes are read.
Bits 6-2: Must be zero.
Bits 1-0: Select among Configuration, OTP, or Data. See Section Zone Encoding.
Param2 Address
2
Address of first word to be read within the zone. See Section Address Encoding.
Data
—
0
—
Table 9-46. Output Parameter
Name
Size
Notes
Contents
4 or 32
The contents of the specified memory location.
ATECC508A
Security Commands
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com