Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 67 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 67 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 63Page - Microchip Technology ATECC508A Datasheet HTML 64Page - Microchip Technology ATECC508A Datasheet HTML 65Page - Microchip Technology ATECC508A Datasheet HTML 66Page - Microchip Technology ATECC508A Datasheet HTML 67Page - Microchip Technology ATECC508A Datasheet HTML 68Page - Microchip Technology ATECC508A Datasheet HTML 69Page - Microchip Technology ATECC508A Datasheet HTML 70Page - Microchip Technology ATECC508A Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 109 page
background image
Table 9-18. Input Parameters
Name
Size
Notes
Opcode
GenDig
1
0x15
Param1
Zone
1
If 0x00 (Config), then use KeyID to specify any of the four 256-bit blocks of the
Configuration zone. If KeyID has a value greater than three, the command will
return an error.
If 0x01 (OTP), use KeyID to specify either the first or second 256-bit block of the
OTP zone.
If 0x02 (Data), then KeyID specifies a slot in the Data zone or a transport key in
the hardware array.
If 0x03 (Shared Nonce), then KeyID specifies the location of the input value in the
message generation.
If 0x04 (Counter), then KeyID specifies the monotonic counter ID to be included in
the message generation.
If 0x05 (Key Config), then KeyID specifies the slot for which the configuration
information is to be included in the message generation.
All other values are reserved and must not be used.
Param2
KeyID
2
Identification number of the key to be used, selection of which OTP block or
message order for Shared Nonce mode.
Data1
OtherData
32 or 4
or 0
Four bytes of data for SHA calculation when using a NoMac key, 32 bytes for
“Shared Nonce” mode, otherwise ignored
Table 9-19. Output Parameter
Name
Size
Notes
Success
1
Upon successful execution, ATECC508A returns a value of zero.
If zone is “Shared Nonce” and KeyID<15> is zero then the SHA-256 message body used to create the
resulting new TempKey consists of the following bytes:
32 bytes
Input OtherData Parameter
1 byte
Opcode (always 0x15)
1 byte
Mode
1 byte
LSB of KeyID
1 byte
Zero
1 byte
SN<8>
2 bytes
SN<0:1>
25 bytes
Zeros
32 bytes
TempKey.value
If zone is “Shared Nonce” and KeyID<15> is one then the SHA-256 message body used to create the
resulting new TempKey consists of the following bytes:
ATECC508A
Security Commands
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com