Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 45 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 45 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 41Page - Microchip Technology ATECC508A Datasheet HTML 42Page - Microchip Technology ATECC508A Datasheet HTML 43Page - Microchip Technology ATECC508A Datasheet HTML 44Page - Microchip Technology ATECC508A Datasheet HTML 45Page - Microchip Technology ATECC508A Datasheet HTML 46Page - Microchip Technology ATECC508A Datasheet HTML 47Page - Microchip Technology ATECC508A Datasheet HTML 48Page - Microchip Technology ATECC508A Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 109 page
background image
•
Upon completion of a command execution from 1 to 32 bytes of command, results are available to
be read inside a group of 4 to 35 bytes.
Any attempt to read beyond the end of the valid output buffer returns 0xFF to the system, and the
address counter does not wrap around to the beginning of the buffer.
There may be situations where the system may wish to re-read the output buffer, for example when the
CRC check reveals an error. In this case, the host should send a two-byte sequence to the ATECC508A
consisting of the correct device address and a word address of 0x00 (Reset, per Table 6-2), followed by
a Stop condition. This causes the address counter to be reset to zero and permits the data to be rewritten
(or re-read) to (or from) the device. This address reset sequence does not prohibit subsequent read
operations if data were available for reading in the I/O Buffer prior to the sequence execution.
After one or more read operations to retrieve the results of a command execution, the first write operation
resets the address counter to the beginning of the I/O Buffer.
6.7
SMBus Timeout
The ATECC508A supports the SMBus Timeout feature in which the ATECC508A will reset its serial
interface and release the SMBus (i.e. stop driving the bus and let SDA float high) if the SCL pin is held
low for more than the minimum tTIMEOUT specification. The ATECC508A will be ready to accept a new
Start condition before tTIMEOUT maximum has elapsed.
Figure 6-5. SMBus Timeout
SCL
t
TIMEOUT (MAX)
t
TIMEOUT (MIN)
Device will release bus and
be ready to accept a new
Start condition within this time.
6.8
I2C Synchronization
It is possible for the system to lose synchronization with the I/O port on the ATECC508A, perhaps due a
system reset, I/O noise, or other condition. Under this circumstance, the ATECC508A may not respond as
expected, may be asleep, or may be transmitting data during an interval when the system is expecting to
send data. To resynchronize, the following procedure should be followed:
1.
To ensure an I/O channel reset, the system should send the standard I2C software reset sequence,
as follows:
–
A Start bit condition.
–
Nine cycles of SCL, with SDA held high.
–
Another Start bit condition.
–
A Stop bit condition.
It should then be possible to send a read sequence, and if synchronization has completed
properly, the ATECC508A will ACK the device address. The device may return data or may
leave the bus floating (which the system will interpret as a data value of 0xFF) during the data
periods.
ATECC508A
I2C Interface
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com