Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 19 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 19 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 15Page - Microchip Technology ATECC508A Datasheet HTML 16Page - Microchip Technology ATECC508A Datasheet HTML 17Page - Microchip Technology ATECC508A Datasheet HTML 18Page - Microchip Technology ATECC508A Datasheet HTML 19Page - Microchip Technology ATECC508A Datasheet HTML 20Page - Microchip Technology ATECC508A Datasheet HTML 21Page - Microchip Technology ATECC508A Datasheet HTML 22Page - Microchip Technology ATECC508A Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 109 page
background image
Note:  The source key for the computation performed by the DeriveKey command can either be the
key directly specified in Param2 (Target) or the key at SlotConfig<Param2>.WriteKey (Parent). See
Section Key Uses and Restrictions.
The IsSecret bit controls internal circuitry necessary for proper security for slots in which reads and/or
writes must be encrypted or are prohibited altogether. It must also be set for all slots that are to be used
as keys, including those created or modified with the DeriveKey command. Specifically, to enable
proper device operation, this bit must be set unless WriteConfig is Always. Four byte accesses are
generally prohibited to and from slots in which this bit is set.
Slots used to store key values should always have IsSecret set to one and EncryptRead set to zero
(reads prohibited) for maximum security. For fixed key values, WriteConfig should be set to Never. When
configured in this way, after the data zone is locked, there is no way to read or write the key; and it may
only be used for crypto operations.
Some security policies require that secrets be updated from time to time. The ATECC508A supports this
capability in the following way: WriteConfig for the particular slot should be set to Encrypt and
SlotConfig.WriteKey should point back to the same slot by setting WriteKey to the slot ID. A standard
Write command can then be used to write a new value to this slot, provided that the authentication MAC
is computed using the old (i.e. current) key value.
2.2.4
Writing ECC Private Keys
ECC private keys are designated via the appropriate contents of KeyConfig.KeyType and
KeyConfig.Private. They can never be written with the Write and/or DeriveKey commands. Instead,
GenKey and PrivWrite can be used to modify these slots. It is always an error to attempt to execute
GenKey or PrivWrite on a slot that is not configured to contain an ECC private key.
SlotConfig.WriteConfig has the following interpretations for these commands:
Table 2-10. Write Configuration Bits: GenKey Command
Bit 15
Bit 14
Bit 13
Bit 12
Description
X
X
0
X
GenKey may not be used to write random keys into this slot.
X
X
1
X
GenKey may be used to write random keys into this slot.
Table 2-11. Write Configuration Bits: PrivWrite Command
Bit 15 Bit 14 Bit 13 Bit 12 Mode Name Description
X
0
X
X
Forbidden
PrivWrite will return an error if the target key slot has this value.
X
1
X
X
Encrypt
Writes to this slot require a properly computed MAC and the input
data must be encrypted by the system with SlotConfig.WriteKey using
the encryption algorithm documented in the PrivWrite command
description (Section PrivWrite Command).
2.2.5
KeyConfig (Bytes 96 through 127)
The 16 KeyConfig elements are used in addition to SlotConfig to restrict the actions that can be
performed using information stored in a particular slot. The KeyConfig element is interpreted according to
the table below when the data zone is locked. When the data zone is unlocked, these restrictions do not
apply, with the exception that slots configured to contain private keys can be written only with the
PrivWrite command.
ATECC508A
Device Organization
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com