Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 56 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 56 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 52Page - Microchip Technology ATECC508A Datasheet HTML 53Page - Microchip Technology ATECC508A Datasheet HTML 54Page - Microchip Technology ATECC508A Datasheet HTML 55Page - Microchip Technology ATECC508A Datasheet HTML 56Page - Microchip Technology ATECC508A Datasheet HTML 57Page - Microchip Technology ATECC508A Datasheet HTML 58Page - Microchip Technology ATECC508A Datasheet HTML 59Page - Microchip Technology ATECC508A Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 109 page
background image
If insufficient bytes are sent to the device when it is in Single-Wire mode, the device automatically
transitions to the low power sleep mode after the tTIMEOUT interval. In I2C mode, the device continues to
wait for the remaining bytes until the watchdog timer limit tWATCHDOG is reached, or a Start/Stop condition
is received by the device.
9.1.2
Status/Error Codes
The device does not have a dedicated status register, so the output FIFO is shared among status, error,
and command results. All outputs from the device are returned to the system as complete groups which
are formatted identically to input groups:
•
Count
•
Packet
•
Two byte CRC
After the device receives the first byte of an input command group, the system cannot read anything from
the device until the system has sent all the bytes to the device.
After wake and after execution of a command, there will be error, status, or result bytes in the device's
output register that can be retrieved by the system. When the length of that group is four bytes, the codes
returned are detailed in the table below. Some commands return more than four bytes when they execute
successfully. The resulting packet description is listed in the Command section that follows.
CRC errors are always returned before any other type of error. They indicate that some sort of I/O error
occurred, and that the command may be resent to the device. No particular precedence is enforced
among the remaining errors if more than one occurs.
Table 9-3. Status/Error Codes in Four byte Groups
State Description
Error/
Status
Description
Successful Command
Execution
0x00
Command executed successfully.
Checkmac or Verify
Miscompare
0x01
The CheckMac or Verify command was properly sent to the device, but
the input client response did not match the expected value.
Parse Error
0x03
Command was properly received but the length, command opcode, or
parameters are illegal regardless of the state (volatile and/or EEPROM
configuration) of the ATECC508A. Changes in the value of the command
bits must be made before it is re-attempted.
ECC Fault
0x05
A computation error occurred during ECC processing that caused the
result to be invalid. Retrying the command may result in a successful
execution.
Execution Error
0x0F
Command was properly received but could not be executed by the device
in its current state. Changes in the device state or the value of the
command bits must be made before it is re-attempted.
After Wake,
Prior to First Command
0x11
Indication that ATECC508A has received a proper Wake token.
ATECC508A
Security Commands
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com