Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 16 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 16 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 12Page - Microchip Technology ATECC508A Datasheet HTML 13Page - Microchip Technology ATECC508A Datasheet HTML 14Page - Microchip Technology ATECC508A Datasheet HTML 15Page - Microchip Technology ATECC508A Datasheet HTML 16Page - Microchip Technology ATECC508A Datasheet HTML 17Page - Microchip Technology ATECC508A Datasheet HTML 18Page - Microchip Technology ATECC508A Datasheet HTML 19Page - Microchip Technology ATECC508A Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 109 page
background image
Byte
Name
Description
Write
Read
validated with Verify(Validate). Unused bytes within this array
must be zero, otherwise, the formatting must be as follows:
Bits 7–4: TemplateLength. The total number of blocks in the entire
SHA sequence which are required for the
Verify(ValidateExternal) command to properly validate a
public key.
Bits 3–0: PublicPosition. The block number in which the public key
must be inserted in the SHA sequence for the
Verify(ValidateExternal) command to properly validate a
public key.
96–
127
KeyConfig
Two bytes of additional access and usage permissions and controls
for each slot of the data zone. See Section KeyConfig (Bytes 96
through 127).
If Config
unlocked
Always
2.2.1
SlotConfig (Bytes 20 to 51)
The 16 SlotConfig elements are used to configure the access protections for each of the 16 slots within
the ATECC508A device. Each configuration element consists of 16 bits, which control the usage and
access for that particular slot or key. The SlotConfig field is interpreted according to the following table
when the Data zone is locked. When the Data zone is unlocked, these restrictions generally do not apply,
and those slots not configured to contain private keys may freely be written and none may be read.
Table 2-6. SlotConfig Bits (Per Slot)
Bit
Name
Description
15-12 WriteConfig
Controls the ability to modify the data in this slot.
See Table 2-8, Table 2-9, Table 2-10, Table 2-11, and Write Command.
11-8 WriteKey
Use this key to validate and encrypt data written to this slot. See Section Write Command.
7
IsSecret
0 = The contents of this slot should contain neither confidential data nor keys. The GenKey
and Sign commands will fail if IsSecret is set to zero for any ECC private key.
1 = The contents of this slot are secret – Clear text reads are prohibited and both 4-byte
reads and writes are prohibited. This bit must be set if EncryptRead is a one or if
WriteConfig has any value other than Always to ensure proper operation of the device.
See Table 2-7 for additional information.
6
EncryptRead
0 = Clear text reads may be permitted.
1 = Reads from this slot will be encrypted using the procedure specified in the Read
command (Section Read Command) using ReadKey (bits 3-0 in this table) to generate
the encryption key. No input MAC is required. If this bit is set, then IsSecret must also
be set (in addition, see the following Table 2-7)
5
LimitedUse
0 = There are no usage limitations.
1 = The key stored in the slot is “Limited Use”. See Sections High Endurance Monotonic
Counters and Limited Use Key (Slot 15 only).
4
NoMac
0 = The key stored in the slot can be used by all commands.
ATECC508A
Device Organization
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com