Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 92 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 92 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 88Page - Microchip Technology ATECC508A Datasheet HTML 89Page - Microchip Technology ATECC508A Datasheet HTML 90Page - Microchip Technology ATECC508A Datasheet HTML 91Page - Microchip Technology ATECC508A Datasheet HTML 92Page - Microchip Technology ATECC508A Datasheet HTML 93Page - Microchip Technology ATECC508A Datasheet HTML 94Page - Microchip Technology ATECC508A Datasheet HTML 95Page - Microchip Technology ATECC508A Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 109 page
background image
match that in SlotConfig.WriteKey. Prior to data locking, any key can be used to generate TempKey and
the GenDigData bit is ignored.
The KeyConfig.ReqRandom, KeyConfig.ReqAuth and KeyConfig.AuthKey are ignored by this command
because they will have been checked by the GenDig command for the parent encrypting key.
When performing an encrypted Write to a partial block at the end of slots 0 through 7 and 9 through 15,
all 32 bytes of input must be sent to the device, with the unused bits being used only as part of the MAC
calculation. Their value will not affect the final contents of the EEPROM.
Table 9-56. Input Parameters
Name
Size
Notes
Opcode
Write
1
0x12
Param1
Zone
1
Bit 7:
0 = 4 bytes will be written.
1 = 32 bytes will be written.
Bit 6:
0 = The input data is in the clear.
1 = The input data has been encrypted.
This bit is ignored after the Data zone is locked.
Bits 5–2:
Must be zero.
Bits 1–0:
Select among Config, OTP or Data. See Section Zone Encoding.
Param2 Address
2
Address of first word to be written within the zone.
See Section Address Encoding.
Data_1
Value
4 or 32 Information to be written to the zone. May be encrypted.
Data_2
MAC
0 or 32 Message authentication code to validate address and data.
Table 9-57. Output Parameter
Name
Size
Notes
Success
1
Upon successful completion, ATECC508A returns a value of zero.
ATECC508A
Security Commands
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com