Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 31 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 31 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 27Page - Microchip Technology ATECC508A Datasheet HTML 28Page - Microchip Technology ATECC508A Datasheet HTML 29Page - Microchip Technology ATECC508A Datasheet HTML 30Page - Microchip Technology ATECC508A Datasheet HTML 31Page - Microchip Technology ATECC508A Datasheet HTML 32Page - Microchip Technology ATECC508A Datasheet HTML 33Page - Microchip Technology ATECC508A Datasheet HTML 34Page - Microchip Technology ATECC508A Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 109 page
background image
There is no reset mechanism for this limitation. After 128 uses (or the number of one bits set in
LastKeyUse on personalization), Key 15 is permanently disabled. This capability is not susceptible to
power interruptions. Even if the power is interrupted during execution of the command, only a single bit in
LastKeyUse will be unknown, all other bits in LastKeyUse will be unchanged, and the key will remain
unchanged.
If fewer than 128 uses are desired for Key 15, then some of the bytes within this array should not be
initialized to 0xFF. The only legal values for bytes within this field (besides 0xFF) are 0x7F, 0x3F,
0x1F, 0x0F, 0x07, 0x03, 0x01, or 0x00. The total number of bits set to one indicates the number
of uses.
Example: How to set 16 uses is shown as follows:
0xFF, 0xFF, 0x00, 0x00, 0x00, 0x00, 0x00, 0x00,
0x00, 0x00, 0x00, 0x00, 0x00, 0x00, 0x00, 0x00
The limited use capability applies to the same commands, and in the same situations, in which they are
checked for the LimitedUse feature (see the previous section for more information). In addition, the
Verify command will check for single use restrictions on both the public key (when that key is stored
internally), and the key to be validated when the command is run in validation mode and either is stored
in slot 15.
3.2.7
Password Checking
Many applications require a user to enter a password to enable features, decrypt stored data, or perform
some other task. Typically, the expected password has to be stored somewhere in the memory, and
therefore is subject to discovery. The ATECC508A can securely store the expected password and
perform a number of useful operations upon it. The password is never passed in the clear to the device,
and it cannot be read from the device. It is hashed with a random number in the system software before
being passed to the device.
The copy capability of the CheckMac command enables the following types of password checking
options:
1.
CheckMac does an internal comparison with the expected password and returns a boolean result
to the system to indicate whether the password was correctly entered or not.
2.
If the device determines that the correct password has been entered, then the value of the
password can optionally be combined with a stored ephemeral value to create a key that can be
used by the system for data protection purposes.
3.
If the device determines that the correct password has been entered, then the device can use this
fact to optionally release a secondary high entropy secret, which can be used for data protection
without the risk of an exhaustive dictionary attack.
4.
If the password has been lost, then an entity with knowledge of a parent key value can optionally
write a new password into the slot. Optionally, the current value can be encrypted with a parent key
and read from the device.
To prepare for this CheckMac/Copy capability, passwords should be stored in even numbered slots. If
the password is to be mapped to a secondary value (using the third option above), then the target slot
containing this value is located in the next higher slot number (i.e. the password’s slot number plus one);
otherwise, the target slot is the same as the password slot. ReadKey for the target slot must be set to
zero to enable this capability. In order to prevent fraudulent or unintended usage of this capability, do not
set ReadKey for any slot to zero unless this CheckMac/Copy capability is specifically required. In
ATECC508A
Security Information
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com