Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 75 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 75 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 71Page - Microchip Technology ATECC508A Datasheet HTML 72Page - Microchip Technology ATECC508A Datasheet HTML 73Page - Microchip Technology ATECC508A Datasheet HTML 74Page - Microchip Technology ATECC508A Datasheet HTML 75Page - Microchip Technology ATECC508A Datasheet HTML 76Page - Microchip Technology ATECC508A Datasheet HTML 77Page - Microchip Technology ATECC508A Datasheet HTML 78Page - Microchip Technology ATECC508A Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 109 page
background image
•
Configuration Zone:
The CRC is calculated over all 128 bytes within the Configuration zone using the current value of
the LockConfig at address 87. If the compare succeeds, then LockConfig will be set to a value of
00.
•
Data and OTP Zone:
The slot contents are concatenated in numerical order to create the input to the CRC algorithm.
Slots that are configured to contain an ECC private key are never included in the summary CRC
calculation. The OTP zone is then concatenated after the last Data slot and the CRC value is
calculated. If the compare succeeds, then LockValue will be set to a value of 00.
If Mode<7> is zero and the input summary does not match that computed on the device, then an error is
returned and the personalization process should be repeated.
For slots containing public keys that must be validated, the most significant four bits are modified by the
device when being written and/or when being validated. The summary CRC is calculated using the
current values.
Table 9-29. Input Parameters
Name
Size
Notes
Opcode
LOCK
1
0x17
Param1
Mode
1
See Table 9-31.
Param2
Summary
2
Summary (CRC) of the designated zones, or should be 0x0000 if Mode<7> is set.
Data
Ignored
0
—
Table 9-30. Output Parameter
Name
Size
Notes
Success
1
Upon successful execution, ATECC508A returns a value of zero.
Table 9-31. Mode Encoding
Bits
Meaning
7
Summary check bit. This bit is ignored when locking individual data slots.
0 = The summary value is verified before the zone is locked.
1 = Check of the zone summary is ignored and the zone is locked regardless of the contents of the zone.
Microchip does not recommend using this mode.
6
Unused, must be zero.
5–2 The slot number to be locked if bits<1:0> have a value of 0b10; otherwise, these bits must be zero.
1-0
00 =
The Configuration zone is to be locked.
01 =
The Data and OTP zones are to be locked.
10 =
A single slot in the Data zone is to be locked.
11 =
Illegal value, the device will return an error.
ATECC508A
Security Commands
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com