Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 39 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 39 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 35Page - Microchip Technology ATECC508A Datasheet HTML 36Page - Microchip Technology ATECC508A Datasheet HTML 37Page - Microchip Technology ATECC508A Datasheet HTML 38Page - Microchip Technology ATECC508A Datasheet HTML 39Page - Microchip Technology ATECC508A Datasheet HTML 40Page - Microchip Technology ATECC508A Datasheet HTML 41Page - Microchip Technology ATECC508A Datasheet HTML 42Page - Microchip Technology ATECC508A Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 109 page
background image
The same timeout applies during the transmission of the command group. After the transmission of a
legal command flag, the I/O Timeout Circuitry is enabled until the last expected data bit is received.
Note:  The Timeout Counter is reset after every legal token; therefore, the total time to transmit the
command may exceed the tTIMEOUT interval while the time between bits may not.
The I/O timeout circuitry is disabled when the device is busy executing a command.
5.3.2
Synchronization Procedures
If the device is not busy when the system sends a transmit flag, the device should respond within
tTURNAROUND. If tEXEC time has not already passed, the device may be busy, and the system should poll or
wait until the maximum EXEC time has elapsed. If the device still does not respond to a second transmit
flag within tTURNAROUND, it may be out of synchronization. At this point, the system may take the following
steps to reestablish communication:
1.
Wait tTIMEOUT.
2.
Send the transmit flag.
3.
If the device responds within tTURNAROUND, then the system may proceed with more commands.
4.
Send a wake token.
5.
Wait tWHI.
6.
Send the transmit flag.
7.
The device should respond with a 0x11 return status within tTURNAROUND, after which the system
may proceed with more commands.
ATECC508A
Single-Wire Interface
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com