Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 84 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 84 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 80Page - Microchip Technology ATECC508A Datasheet HTML 81Page - Microchip Technology ATECC508A Datasheet HTML 82Page - Microchip Technology ATECC508A Datasheet HTML 83Page - Microchip Technology ATECC508A Datasheet HTML 84Page - Microchip Technology ATECC508A Datasheet HTML 85Page - Microchip Technology ATECC508A Datasheet HTML 86Page - Microchip Technology ATECC508A Datasheet HTML 87Page - Microchip Technology ATECC508A Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 109 page
background image
1.
HMACstart: Initialization of the HMAC calculation engine and initialization of the SHA context in
memory. A stored key legal for use with SHA operations must be specified. This mode does not
accept any message bytes.
2.
Update: Along with SHA(Public), identical to SHA-256.
3.
HMACend: The HMAC calculation is completed re-using the key value from HMACstart, and the
resulting digest is placed into the output buffer. It is also stored in the TempKey register. From 0
bytes to 63 bytes may be passed to the device for this mode.
Table 9-47. Input Parameters
Name
Size
Notes
Opcode SHA
1
0x47
Param1 Mode
1
Bits
7-3:
Must be zero.
Bits
2-0:
000 (Start) = Load TempKey with the initialization value for SHA2-56. No
message bytes are accepted (Length must be zero).
001 (Update) = Add 64 bytes in the message parameter to the SHA context.
010 (End) = Complete the SHA-256 computation and load the digest into
TempKey and the output buffer. Up to 63 message bytes are accepted
(Length must be 0 through 63 inclusive.)
011 (Public) = Add 64 bytes of a public key stored in one of the Data zone
slots to the SHA context. Param2 should contain the slot ID of the public key,
and the command will return an error if the slot contains anything other than a
public key. No further bytes should appear in the input stream (Message size
is zero).
100 (HMACstart) = Load TempKey with the initialization value for SHA2-56.
Length field specifies the key to be used for the HMAC calculation. No
message bytes are accepted.
101 (HMACend) = Complete the HMAC/SHA-256 computation and load the
digest into TempKey and the output buffer. Up to 63 message bytes are
accepted (Length must be 0 through 63 inclusive.)
Param2 Length
2
Number of bytes in the Message parameter.
KeyID for the HMAC key if Mode is “HMACstart”.
Data
Message 0 – 64 Up to 64 bytes of data to be included into the hash operation.
Table 9-48. Output Parameter
Name
Size
Notes
Response 1 or 32 The SHA256 digest if Mode is End(0x02) or HMACend(0x05), otherwise 0x00 for success or
an error code.
9.18
Sign Command
The Sign command generates a signature using the ECDSA algorithm. The ECC private key in the slot
specified by KeyID is used to generate the signature.
The message may be externally or internally generated, as noted below:
ATECC508A
Security Commands
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com