Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 7 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 7 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 3Page - Microchip Technology ATECC508A Datasheet HTML 4Page - Microchip Technology ATECC508A Datasheet HTML 5Page - Microchip Technology ATECC508A Datasheet HTML 6Page - Microchip Technology ATECC508A Datasheet HTML 7Page - Microchip Technology ATECC508A Datasheet HTML 8Page - Microchip Technology ATECC508A Datasheet HTML 9Page - Microchip Technology ATECC508A Datasheet HTML 10Page - Microchip Technology ATECC508A Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 109 page
background image
1.
Introduction
1.1
Applications
The ATECC508A device is a member of the Microchip CryptoAuthentication™ family of crypto engine
authentication devices with highly secure hardware-based key storage.
The ATECC508A device has a flexible command set that allows use in many applications, including the
following:
•
Network/IoT Node Protection - Authenticates node IDs, ensures the integrity of messages, and
supports key agreement to create session keys for message encryption.
•
Anti-Counterfeiting - Validates that a removable, replaceable, or consumable client is authentic.
Examples of clients could be system accessories, electronic daughter cards, or other spare parts. It
can also be used to validate a software/firmware module or memory storage element.
•
Protecting Firmware or Media - Validates code stored in flash memory at boot to prevent
unauthorized modifications, encrypt downloaded program files as a common broadcast, or uniquely
encrypt code images to be usable on a single system only.
•
Storing Secure Data - Stores secret keys for use by crypto accelerators in standard
microprocessors. Programmable protection is available using encrypted/authenticated reads and
writes.
•
Checking User Password - Validates user-entered passwords without letting the expected value
become known, maps memorable passwords to a random number, and securely exchanges
password values with remote systems.
1.2
Device Features
The ATECC508A includes an EEPROM array which can be used for storage of up to 16 keys, certificates,
miscellaneous read/write, read-only or secret data, consumption logging, and security configurations.
Access to the various sections of memory can be restricted in a variety of ways and then the
configuration can be locked to prevent changes.
The ATECC508A features a wide array of defense mechanisms specifically designed to prevent physical
attacks on the device itself, or logical attacks on the data transmitted between the device and the
system(See Section Security Features). Hardware restrictions on the ways in which keys are used or
generated provide further defense against certain styles of attack(see Section Key Uses and
Restrictions).
Access to the device is made through a standard I2C Interface at speeds of up to 1 Mb/s(see Section I2C
Interface). The interface is compatible with standard Serial EEPROM I2C interface specifications. The
device also supports a Single-Wire Interface (SWI), which can reduce the number of GPIOs required on
the system processor, and/or reduce the number of pins on connectors(see Section Single-Wire
Interface). If the Single-Wire Interface is enabled, the remaining pin is available for use as a GPIO, an
authenticated output or tamper input(see Section General Purpose I/O Pin).
Using either the I2C or Single-Wire Interface, multiple ATECC508A devices can share the same bus,
which saves processor GPIO usage in systems with multiple clients such as different color ink tanks or
multiple spare parts, for example. See Sections Sharing the Interface and Pause Command for more
details regarding Single-Wire Interface implementation.
ATECC508A
Introduction
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com