Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 83 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 83 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 79Page - Microchip Technology ATECC508A Datasheet HTML 80Page - Microchip Technology ATECC508A Datasheet HTML 81Page - Microchip Technology ATECC508A Datasheet HTML 82Page - Microchip Technology ATECC508A Datasheet HTML 83Page - Microchip Technology ATECC508A Datasheet HTML 84Page - Microchip Technology ATECC508A Datasheet HTML 85Page - Microchip Technology ATECC508A Datasheet HTML 86Page - Microchip Technology ATECC508A Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 109 page
background image
If reading a data zone and the EncryptRead bit is set in the corresponding SlotConfig word, the following
actions are taken to encrypt the data:
•
All of the TempKey register bits must be properly set as follows or else this command returns an
error:
TempKey.Valid == 1
TempKey.GenDigData == 1
TempKey.KeyID == SlotConfig.ReadKey
TempKey.SourceFlag == “Rand”
•
XOR the data from the memory zone with TempKey. Return as Contents.
9.17
SHA Command
Computes a SHA-256 or HMAC/SHA digest for general purpose use by the system. It may also be used
by the Verify(ValidateExternal) command to verify an X.509 certificate and store that validation
status with an internally stored public key.
Calculation of a SHA-256 digest occurs in the following three steps:
1.
Start: Initialization of the SHA-256 calculation engine and initialization of the SHA context in
memory. This mode does not accept any message bytes.
2.
Update: The command can be called a variable number of times with this mode to add bytes to the
message. Each iteration of this mode must include a message of 64 bytes. A variation on
SHA(Update) is SHA(Public) which inserts the contents of a public key slot into the message.
3.
End: The SHA-256 calculation is completed, and the resulting digest is placed into the output
buffer. It is also stored in the TempKey register for subsequent (optional) use by the
Verify(ValidateExternal) command. From 0 bytes to 63 bytes may be passed to the device
for this mode.
On any error return code, or if any command other than SHA is sent to the device, the internal SHA
context is invalidated and TempKey is also invalidated.
This command can also optionally generate a digest to be used by Verify(ValidateExternal) to
validate a stored public key, which allows speed-up for future signature validations when X.509 format
signatures are used. To implement this, a SHA(Public) iteration can be inserted prior to SHA(End)
iteration, and the 64 bytes of the public key stored in the slot designated by Param2 will be added to the
message. This mode will fail if the designated slot does not contain a public key.
Verify(ValidateExternal) will only successfully validate the stored public key if the SHA(Public)
iteration occurs at the at the block number indicated by X509format<KeyConfig.X509id>.Bits<3:0> within
the sequence of SHA(Update) commands, and if the total number of blocks passed to the SHA
command matches the value in X509format<KeyConfig.X509id>.Bits<7:4> . This restriction prevents a
generation of non-standard X.509 templates, which may push the inserted public key into an unchecked
area of the template.
Calculation of an HMAC digest occurs in the following three steps, which are similar to the SHA process
above with the exception that a key slot is specified in the first step, and its value is used in the
calculations at the beginning and end of the message per the HMAC specification.
ATECC508A
Security Commands
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com