Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 89 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 89 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 85Page - Microchip Technology ATECC508A Datasheet HTML 86Page - Microchip Technology ATECC508A Datasheet HTML 87Page - Microchip Technology ATECC508A Datasheet HTML 88Page - Microchip Technology ATECC508A Datasheet HTML 89Page - Microchip Technology ATECC508A Datasheet HTML 90Page - Microchip Technology ATECC508A Datasheet HTML 91Page - Microchip Technology ATECC508A Datasheet HTML 92Page - Microchip Technology ATECC508A Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 109 page
background image
ECDSA Verify message is composed of KeyID and TempKey, formatted as below. Only KeyIDs 8 to
15 can be validated, so this command will return an error if KeyID is 0 – 7.
–
If the ECC verification passes, then the most significant four bits of the first byte of Block 0 of
the public key at KeyID will be set to 0x5. See Section Created ECC Keys.
–
Key validation takes place regardless of the state of the LockValue byte and/or the
SlotLocked bit corresponding to this slot.
–
If the X509format<KeyConfig.X509id> is zero, then the Verify command will return an error.
–
Data1 and Data2 sizes must be 32 bytes each. Data3 and Data4 should both be zero length.
Table 9-54. Input Parameters
Name
Size
Notes
Opcode
Verify
1
0x45
Param1
Mode
1
Bits 7-3:
Must be zero.
Bits 2-0:
000 = Stored Mode.
001 = ValidateExternal Mode.
010 = External Mode.
011 = Validate Mode.
111 = Invalidate Mode.
100-110 = Do not use
Param2
KeyID
2
If Mode<2:0> is Stored Mode, KeyID contains the number of the slot containing the
public key to be used for the verification. KeyConfig.KeyType determines the curve to
be used.
If Mode<2:0> is ValidateExternal Mode, KeyID contains the number of the slot
containing the public key to be validated which must have been specified by a
previous SHA(Public) command. The parent key to be used to perform the validation
is stored in SlotConfig.ReadKey and KeyConfig<ParentKey>.KeyType determines
the curve to be used.
If Mode<2:0> is External Mode, KeyID contains the curve type to be used to Verify
the signature. The value in this field is encoded identically to the KeyType field in the
KeyConfig words within the Configuration zone.
If Mode<2:0> is Validate or Invalidate mode, KeyID contains the number of the slot
containing the public key to be (in)validated. The parent key to be used to perform
the (in)validation is stored in SlotConfig.ReadKey. SlotConfig<ParentKey>.KeyType
determines the curve to be used.
Data1
R
32
The R component of the ECDSA signature to be verified.
Data2
S
32
The S component of the ECDSA signature to be verified.
Data3
X
0 or 32 The X component of the public key to be used for verification if Mode<2:0> is
External.
Data4
Y
0 or 32 The Y component of the public key to be used for verification if Mode<2:0> is
External.
Data5
OtherData 0 or 19 If Validate mode, the bytes used to generate the message for the validation. X and Y
should be zero length in this mode and this parameter comes immediately after S in
the input parameter stream. Should be zero length for all other modes.
ATECC508A
Security Commands
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com