Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 73 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 73 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 69Page - Microchip Technology ATECC508A Datasheet HTML 70Page - Microchip Technology ATECC508A Datasheet HTML 71Page - Microchip Technology ATECC508A Datasheet HTML 72Page - Microchip Technology ATECC508A Datasheet HTML 73Page - Microchip Technology ATECC508A Datasheet HTML 74Page - Microchip Technology ATECC508A Datasheet HTML 75Page - Microchip Technology ATECC508A Datasheet HTML 76Page - Microchip Technology ATECC508A Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 109 page
background image
9.9
Info Command
Info command accesses some static or dynamic four byte information from the device depending upon
the value of mode. Illegal values of the mode parameter will result in a parse error response.
Table 9-26. Mode Encoding
Param1
Mode
Notes
0x00
Revision A single 4-byte word representing the revision number of the device is returned. Software
should not depend on this value as it may change from time to time.
At the time of data sheet creation the Info command will return 0x00 0x00 0x50 0x00. For
all versions of the ECC508A the 3rd byte will always be 0x50. The fourth byte will indicate the
silicon revision.
0x01
KeyValid Returns a value of one if an ECC private or public key stored in the key slot specified by param
is valid and zero if the key is not valid. For public keys in slots where PubInfo is zero, the
information returned by this command is not useful. This information is not meaningful for slots
in which KeyType does not indicate a supported ECC curve.
0x02
State
Returns various dynamic state information as follows:
First byte on the bus:
Bit 7:
TempKey.NoMacFlag
Bit 6:
TempKey.GenKeyData
Bit 5:
TempKey.GenDigData
Bit 4:
TempKey.SourceFlag
Bits 3–0:
TempKey.KeyID
Second byte on the bus:
Bit 7:
TempKey.Valid
Bits 6–3:
AuthKeyID: The slot ID on which an authorization was performed
Bit 2:
AuthValid: A valid authorization sequence has been performed
Bit 1:
SRAM RNG: Seed has been updated this power cycle
Bit 0:
EEPROM RNG: Seed has been updated this power cycle
The third and fourth bytes on the bus are all zeros.
0x03
GPIO
Accesses the GPIO pin when the device is in either of the Single-Wire Interface modes. The
specific operation is controlled by Param2 as follows:
Bits 15-2:
Must be zero
Bit 1:
Driver state; Input (0) or Output (1)
Bit 0:
State to which output is to be driven.
Ignored if bit 1 is zero
Always return the current state in the first byte followed by three bytes of 0x00.
ATECC508A
Security Commands
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com