Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 62 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 62 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 58Page - Microchip Technology ATECC508A Datasheet HTML 59Page - Microchip Technology ATECC508A Datasheet HTML 60Page - Microchip Technology ATECC508A Datasheet HTML 61Page - Microchip Technology ATECC508A Datasheet HTML 62Page - Microchip Technology ATECC508A Datasheet HTML 63Page - Microchip Technology ATECC508A Datasheet HTML 64Page - Microchip Technology ATECC508A Datasheet HTML 65Page - Microchip Technology ATECC508A Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 109 page
background image
Table 9-10. Input Parameters
Name
Size
Notes
Opcode CheckMac
1
0x28
Param1
Mode
1
Bits 7–3: Must be zero.
Bit 2:
If Mode<0> or Mode<1> are set, then the value of this bit must match the
value in TempKey.SourceFlag or the command will return an error.
Bit 1:
0 = Use Slot<KeyID> in first SHA block.
1 = Use TempKey.
Bit 0:
0 = The second 32 bytes of the SHA message are taken from the input
ClientChal parameter.
1 = The second 32 bytes of the message are taken from TempKey.
Param2
KeyID
2
The internal key is to be used to generate the response. All except bits KeyID<3:0> are
ignored.
Data1
ClientChal
32
Challenge sent to client. If Mode<0> is one, then the value of this parameter will be
ignored. (These 32 bytes must still appear in the input stream).
Data2
ClientResp
32
Response generated by the client.
Data3
OtherData
13
Remaining constant data needed for response calculation.
Table 9-11. Output Parameter
Name Size
Notes
Result
1
Returns a single byte with a value of zero if ClientResp matches the internally computed digest; value
of one if there is a mismatch.
The message that will be hashed with the SHA-256 algorithm consists of the following information:
32 bytes
Slot<KeyID> or TempKey (depending on mode)
32 bytes
ClientChal or TempKey (depending on mode)
4 bytes
OtherData<0:3>
8 bytes
Zeros
3 bytes
OtherData<4:6>
1 byte
SN<8>
4 bytes
OtherData<7:10>
2 bytes
SN<0:1>
2 bytes
OtherData<11:12>
9.3
Counter Command
The Counter command reads the binary count value from one of the two monotonic counters located on
the device within the configuration zone. The maximum value that the counter may have is 2,097,151.
Any attempt to count beyond this value will result in an error code. The counter is designed to never lose
ATECC508A
Security Commands
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com