Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 10 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 10 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 6Page - Microchip Technology ATECC508A Datasheet HTML 7Page - Microchip Technology ATECC508A Datasheet HTML 8Page - Microchip Technology ATECC508A Datasheet HTML 9Page - Microchip Technology ATECC508A Datasheet HTML 10Page - Microchip Technology ATECC508A Datasheet HTML 11Page - Microchip Technology ATECC508A Datasheet HTML 12Page - Microchip Technology ATECC508A Datasheet HTML 13Page - Microchip Technology ATECC508A Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 109 page
background image
2.
Device Organization
The ATECC508A contains an integrated EEPROM storage memory and SRAM buffer.
The EEPROM memory contains a total of 11,200 bits and is divided into the following zones:
Table 2-1. ATECC508A Zones
Zone
Description
Nomenclature
Data
Zone of 1,208 bytes (9.7 Kb) split into 16 general purpose read-only
or read/write memory slots of 36 bytes (288 bits), 72 bytes (576 bits),
or 416 bytes (3,328 bits) each that can be used to store keys (public
or private), signatures, certificates, calibration, model number, or
other information, typically that relate to the item to which the
ATECC508A device is attached. The access policy of each data slot
is determined by the values programmed into the corresponding
configuration values. However, the policies become effective upon
setting the LockValue byte only.
Slot<YY> = The entire
contents stored in Slot
YY of the Data zone.
Configuration
Zone of 128 bytes (1,024-bit) EEPROM that contains the serial
number and other ID information, as well as, access policy
information for each slot of the data memory. The values
programmed into the configuration zone will determine the access
policy of how each data slot will respond. The configuration zone can
be modified until it has been locked (LockConfig set to !
=0x55). In order to enable the access policies, the LockValue byte
must be set. (See section above)
SN<a:b> = A range of
bytes within a field of the
Configuration zone.
One Time
Programmable
(OTP)
Zone of 64 bytes (512 bits) of OTP bits. Prior to locking the OTP
zone, the bits may be freely written using the standard Write
command. The OTP zone can be used to store read-only data or
one-way fuse type consumption logging information.
OTP<bb> = A byte within
the OTP zone, while
OTP<aa:bb> indicates a
range of bytes.
Terms discussed within this document will have the following meanings:
Table 2-2. Document Terms
Term
Meaning
Block
A single 256-bit (32-byte) area of a particular memory zone. The industry SHA-256
documentation also uses the term “block” to indicate a 512-bit section of the message input.
Within this document, this convention is used only when describing hash input messages.
KeyID
KeyID is equivalent to the slot number for those slots designated to hold key values. Key 1 is
stored in Slot<1> and so on. While all 16 slots can potentially hold keys, those slots which are
configured to permit clear-text reads would not normally be used as private or secret keys by the
crypto commands.
param<b>
Indicates bit b of a command parameter or configuration byte.
SRAM
Contains input and output buffers, as well as state storage locations. See Section Static RAM
(SRAM) Memory.
2.1
EEPROM Data Zone
The data zone is broken into 16 slots, for which access restrictions are individually programmable. While
all slots can be used for private or secret keys or user data, only slots 8 through 15 are large enough to
ATECC508A
Device Organization
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com