Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 70 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 70 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 66Page - Microchip Technology ATECC508A Datasheet HTML 67Page - Microchip Technology ATECC508A Datasheet HTML 68Page - Microchip Technology ATECC508A Datasheet HTML 69Page - Microchip Technology ATECC508A Datasheet HTML 70Page - Microchip Technology ATECC508A Datasheet HTML 71Page - Microchip Technology ATECC508A Datasheet HTML 72Page - Microchip Technology ATECC508A Datasheet HTML 73Page - Microchip Technology ATECC508A Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 109 page
background image
Excluding the digest generation operation described above, the slot indicated by this command must be
configured by means of KeyConfig.Private to contain an ECC private key, and SlotConfig.IsSecret must
be set to one, or else this command will fail. If the KeyConfig.KeyType does not indicate an ECC curve
supported by this device, then this command will also return an error. Prior to the Configuration zone
being locked, this command will always return an error.
Once the Data zone has been locked, the following additional restrictions are enforced:
•
Private Key Creation:
–
Bit 13 of the corresponding SlotConfig must be set to one.
–
If KeyConfig.ReqAuth is set to one, then a prior authorization using KeyConfig.AuthKey must
have been performed.
•
Public Key Generation:
–
KeyConfig.PubInfo must be set to one.
–
If KeyConfig.ReqAuth is set to one, then a prior authorization using KeyConfig.AuthKey must
have been performed.
The following applies to all private key creation operations regardless of whether or not the Data zone
has been locked:
•
This command writes only those bytes necessary to create a private key of the type specified. The
remaining bytes within the slot are unaffected by this command.
•
When creating and writing a random key into the Data zone, the GenKey command always returns
the public key regardless of the value of the PubInfo bit within the KeyConfig area.
•
If the corresponding SlotLocked bit is zero, then this command returns an error.
•
There is a small statistical probability that the generated key will be unacceptable, in which case
this command will return a single byte containing the ECC fault code (see Table 9-3). In this
circumstance the command should be re-run and will usually generate a key correctly in the
subsequent iteration.
Table 9-20. Input Parameters
Name
Size
Notes
Opcode
GenKey
1
0x40
Param1
Mode
1
See Table 9-22.
Param2
KeyID
2
Specifies the slot where a private ECC key is generated, the private key slot used to
generate a public key or a public key location used as part of a digest generation.
Data
OtherData
3
If KeyID points to a public key, then these bytes replace Param1 and Param2 in the
message calculation.
Table 9-21. Output Parameter
Name
Size
Notes
Response 1 or 64 Public Key X and Y coordinates. ECC fault code if generated private key was unacceptable.
ATECC508A
Security Commands
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com