Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 77 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 77 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 73Page - Microchip Technology ATECC508A Datasheet HTML 74Page - Microchip Technology ATECC508A Datasheet HTML 75Page - Microchip Technology ATECC508A Datasheet HTML 76Page - Microchip Technology ATECC508A Datasheet HTML 77Page - Microchip Technology ATECC508A Datasheet HTML 78Page - Microchip Technology ATECC508A Datasheet HTML 79Page - Microchip Technology ATECC508A Datasheet HTML 80Page - Microchip Technology ATECC508A Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 109 page
background image
2 bytes
SN<0:1> (never zeroed out)
2 bytes
SN<2:3> (or zeros, see Mode Encoding)
Table 9-34. Mode Encoding
Bits
Meaning
7
Must be zero.
6
0 =
48 Message bits corresponding to SN<2:3> and SN<4:7> are set to zero.
1 =
Include the 48 bits SN<2:3> and SN<4:7> in the message.
5–3 Must be zero.
2
If either Mode<0> or Mode<1> are set, Mode<2> must match the value in TempKey.SourceFlag or the
command will return an error.
1
0 =
The first 32 bytes of the SHA message are loaded from one of the data slots.
1 =
The first 32 bytes are filled with TempKey.
0
0 = The second 32 bytes of the SHA message are taken from the input challenge parameter.
1 = The second 32 bytes are filled with the value in TempKey. This mode is recommended for all use.
9.12
Nonce Command
The Nonce command generates a nonce for use by a subsequent command by combining an internally
generated random number with an input value from the system. The resulting nonce is stored internally in
TempKey and the generated random number is returned to the system.
The input value is designed to prevent replay attacks against the host, and it must be externally
generated by the system and passed into the device using this command. It may be any value that
changes consistently, such as a nonvolatile counter, current real time of day, and so forth, or it can be an
externally generated random number.
To provide a nonce value for subsequent crypto commands, the input number and output random number
are hashed together according to the information listed below. The resulting digest (i.e. nonce) is always
stored in the TempKey register, TempKey.Valid is set, and TempKey.SourceFlag is set to Rand. The
nonce can then be used by a subsequent ATECC508A command. Where the actual nonce value is
required to be known by an external system, software will typically be needed to externally compute this
digest value and store it externally to complete the execution of those commands.
In order to simplify the system code for some usage models, the device provides a mechanism for a host
device to compute the nonce generated on a client device. In this calculation mode, the current value in
TempKey is combined with the input parameters using SHA and the result is written back into TempKey.
The new TempKey value is also returned to the system as the output parameter. Mode<1:0> must have a
value of zero or one to enable this feature. TempKey.SourceFlag is not modified by the device in this
mode.
Alternatively, this command can also be run in a pass-through mode if a fixed nonce is required for
subsequent commands. In this case, the input value must be 32 bytes long and it is passed directly to
TempKey without modification. No SHA-256 calculation is performed and TempKey.SourceFlag is set to
ATECC508A
Security Commands
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com