Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 37 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 37 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 33Page - Microchip Technology ATECC508A Datasheet HTML 34Page - Microchip Technology ATECC508A Datasheet HTML 35Page - Microchip Technology ATECC508A Datasheet HTML 36Page - Microchip Technology ATECC508A Datasheet HTML 37Page - Microchip Technology ATECC508A Datasheet HTML 38Page - Microchip Technology ATECC508A Datasheet HTML 39Page - Microchip Technology ATECC508A Datasheet HTML 40Page - Microchip Technology ATECC508A Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 109 page
background image
5.
Single-Wire Interface
In this mode, communications to and from the ATECC508A take place over SDA, a single
asynchronously timed wire. The SCL pin is not used as part of the communications channel. Instead, the
SCL pin functions as a GPIO pin.
Note:  The sleep current specification values are guaranteed only if SCL pin is held low or left
unconnected.
The overall communications structure is a hierarchical format:
•
Tokens I/O Tokens implement a single data bit transmitted on the bus, or the wake-up event.
•
Flags Flags consist of eight tokens (bits) that convey the direction and meaning of the next group
of bits (if any) that may be transmitted.
•
Groups Groups of data follow the command and transmit flags. They incorporate both a byte count
and a checksum to ensure proper data transmission.
•
Packets Packets of bytes form the core of the group (minus the byte count and CRC). They are
either the input or output parameters of a CryptoAuthentication command or status
information from the ATECC508A.
See the Microchip website for the appropriate application notes for more detail on how to use any
microprocessor to easily generate the signaling necessary to send these elements to the device,
including C source code libraries. Also see Section Wiring Configuration for Single-Wire Interface for
more information about how to connect the device in the Single-Wire Interface mode.
5.1
I/O Tokens
There are a number of I/O tokens, which may be transmitted over the Single-Wire Interface:
•
Input (to the ATECC508A):
–
Wake: wake the device up from either the sleep or idle modes, or reset the I/O interface.
–
Zero: send a single bit from the system to the device with a value of zero.
–
One: send a single bit from the system to the device with a value of one.
•
Output (from the ATECC508A):
–
ZeroOut: send a single bit from the device to the system with a value of zero.
–
OneOut: send a single bit from the device to the system with a value of one.
The waveforms are the same in either direction, however, there are some differences in timing based
upon the expectation that the host has a very accurate and consistent clock while the ATECC508A has
significant part-to-part variability in its internal clock generator due to normal manufacturing and
environmental fluctuations.
The bit timings are designed to permit a standard UART running at 230.4 Kbaud to transmit and receive
the tokens efficiently. Each byte transmitted or received by the UART corresponds to a single bit received
or transmitted by the device.
The Wake token is special since it requires an extra long low pulse on the SDA pin, which cannot be
confused with the shorter low pulses that occur during a data token (i.e. Zero, One, ZeroOut, or OneOut).
Devices that are either in the idle or sleep mode will ignore all data tokens until they receive a legal wake
token. If the processor is out of synchronization with the ATECC508A, it can send an additional Wake
token to the device, which will reset the I/O channel hardware on the device.
ATECC508A
Single-Wire Interface
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com