Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 72 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 72 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 68Page - Microchip Technology ATECC508A Datasheet HTML 69Page - Microchip Technology ATECC508A Datasheet HTML 70Page - Microchip Technology ATECC508A Datasheet HTML 71Page - Microchip Technology ATECC508A Datasheet HTML 72Page - Microchip Technology ATECC508A Datasheet HTML 73Page - Microchip Technology ATECC508A Datasheet HTML 74Page - Microchip Technology ATECC508A Datasheet HTML 75Page - Microchip Technology ATECC508A Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 109 page
background image
Table 9-23. Input Parameters
Name Size
Notes
Opcode HMAC
1
0x11
Param1 Mode
1
Controls which fields within the device are used in the message.
Param2 KeyID
2
The internal key is to be used to generate the response. Bits 3:0 are only used to select a
slot; however, all 16 bits are used in the HMAC message.
Data
—
0
—
Table 9-24. Output Parameter
Name
Size
Notes
Response
32
HMAC digest.
The HMAC digest is computed using the key at KeyID as the HMAC key over a message consisting of
the following information:
32 bytes
Zeros
32 bytes
TempKey
1 byte
Opcode (always 0x11)
1 byte
Mode
2 bytes
KeyID
8 bytes
Zeros
3 bytes
Zeros
1 byte
SN<8> (never zeroed out)
4 bytes
SN<4:7> (or zeros, see Mode Encoding)
2 bytes
SN<0:1> (never zeroed out)
2 bytes
SN<2:3> (or zeros, see Mode Encoding)
Table 9-25. Mode Encoding
Bits Meaning
7
Must be zero.
6
0 =
48 Message bits corresponding to SN<2:3> and SN<4:7> are set to zero.
1 =
Include the 48 bits SN<2:3> and SN<4:7> in the message.
5–3 Must be zero.
2
The value of this bit must match the value in TempKey.SourceFlag or the command will return an error.
1–0 Must be zero.
ATECC508A
Security Commands
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com