Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 49 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 49 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 45Page - Microchip Technology ATECC508A Datasheet HTML 46Page - Microchip Technology ATECC508A Datasheet HTML 47Page - Microchip Technology ATECC508A Datasheet HTML 48Page - Microchip Technology ATECC508A Datasheet HTML 49Page - Microchip Technology ATECC508A Datasheet HTML 50Page - Microchip Technology ATECC508A Datasheet HTML 51Page - Microchip Technology ATECC508A Datasheet HTML 52Page - Microchip Technology ATECC508A Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 109 page
background image
8.
Electrical Characteristics
8.1
Absolute Maximum Ratings
Operating Temperature
Storage Temperature
Maximum Operating Voltage
DC Output Current
Voltage on any pin
-40°C to +85°C
-65°C to +150°C
6.0V
5 mA
-0.5V to (VCC + 0.5V)
Note:  Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device at these or any other
conditions beyond those indicated in the operational sections of this specification are not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
8.2
Reliability
The ATECC508A is fabricated with the Microchip high reliability of the CMOS EEPROM manufacturing
technology.
Table 8-1. EEPROM Reliability
Parameter
Min
Typical
Max
Units
Write Endurance at +85°C (Each Byte)
400,000
Write Cycles
Data Retention at +55°C
10
Years
Data Retention at +35°C
30
50
Years
Read Endurance
Unlimited
Read Cycles
8.3
AC Parameters: All I/O Interfaces
Figure 8-1. AC Timing Diagram: All Interfaces
Data Comm
Wake
tLIGNORE
tHIGNORE
Noise
Suppresion
tWLO
tWHI
ATECC508A
Electrical Characteristics
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com