Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 85 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 85 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 81Page - Microchip Technology ATECC508A Datasheet HTML 82Page - Microchip Technology ATECC508A Datasheet HTML 83Page - Microchip Technology ATECC508A Datasheet HTML 84Page - Microchip Technology ATECC508A Datasheet HTML 85Page - Microchip Technology ATECC508A Datasheet HTML 86Page - Microchip Technology ATECC508A Datasheet HTML 87Page - Microchip Technology ATECC508A Datasheet HTML 88Page - Microchip Technology ATECC508A Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 109 page
background image
•
External Message Generation (Mode<7> is 1)
–
The system should externally compile the information to be signed and compute the digest of
that information using an external hash algorithm. This digest should then be loaded into
TempKey using the Nonce command. The ATECC508A cannot compute the SHA-256 digest
of a random external message.
–
External signatures must be enabled using SlotConfig.ReadKey<0> or else this command will
return an error.
•
Internal Message Generation (Mode<7> is 0)
–
The message to be signed is internally generated. A typical use for this mode is to sign an
internally generated random key.
–
The message is comprised of the output of the GenDig or GenKey commands (stored in
TempKey), plus various other state information according to the description below. If TempKey
is invalid or if it was not generated using GenDig or GenKey, then this command will return
an error.
–
Internal signatures must be enabled using SlotConfig.ReadKey<1> or this command will
return an error.
–
If the data zone has not been locked, then internal signatures will always generate an error
code.
The slot indicated by this command must be configured via KeyConfig.Private to contain an ECC private
key, and SlotConfig.IsSecret must be set to one or else this command will fail.
There is a small statistical probability that the device will fail to properly generate the ephemeral key, in
which case this command will return a single byte containing the ECC fault code (see Table 9-3). The
command will generally succeed if resubmitted.
Table 9-49. Input Parameters
Name
Size
Notes
Opcode
Sign
1
0x41
Param1
Mode
1
See Table 9-51.
Param2
KeyID
2
The internally-stored private key to be used to generate the signature.
Table 9-50. Output Parameter
Name
Size
Notes
Response
64
The signature composed of R and S, or an error code.
Table 9-51. Mode Encoding
Bits
Meaning
7
0 =
The message to be signed is internally generated as below.
1 =
The message to be signed is in TempKey and sign extended as above.
6
0 =
48 Message bits corresponding to SN<2:3> and SN<4:7> are set to zero.
1 =
Include the 48 bits SN<2:3> and SN<4:7> in the message for internal signatures.
This bit is ignored if mode<7> is one.
ATECC508A
Security Commands
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com