Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC508A Datasheet(PDF) 86 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 86 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 82Page - Microchip Technology ATECC508A Datasheet HTML 83Page - Microchip Technology ATECC508A Datasheet HTML 84Page - Microchip Technology ATECC508A Datasheet HTML 85Page - Microchip Technology ATECC508A Datasheet HTML 86Page - Microchip Technology ATECC508A Datasheet HTML 87Page - Microchip Technology ATECC508A Datasheet HTML 88Page - Microchip Technology ATECC508A Datasheet HTML 89Page - Microchip Technology ATECC508A Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 109 page
background image
Bits
Meaning
5–1 Must be 0.
0
Set to 0 if the resulting signature is intended to be used by Verify(Validate) or 1 if it is to be used by
Verify(Invalidate). In all other situations, this bit must be 0.
Internal signatures are always generated over digest information placed in TempKey by GenKey or
GenDig, and include further configuration information regarding the key used for the TempKey
calculation.
Note:  If multiple GenKey or GenDig commands have been run between the Nonce and Sign
commands, only the configuration for the last key used will be signed.
The bit within the SlotLocked field corresponding to the last key used in the TempKey computation is in
the LSB of the byte listed below, regardless of whether or not the slot is individually lockable. This 55 byte
message is created as described in the next paragraph.
If the slot contains a public key corresponding to a supported curve, and if PubInfo indicates this key must
be validated before being used by Verify, and if the validity bits have a value of 0x05, then the PubKey
Valid byte will be 0x01. In all other cases, it will be 0x00.
32 bytes
TempKey (must have been generated by GenKey or GenDig)
1 byte
Opcode (0x41)
1 byte
Mode
2 bytes
KeyID
2 bytes
SlotConfig<TempKeyFlags.KeyID>
2 bytes
KeyConfig<TempKeyFlags.KeyID>
1 byte
TempKeyFlags (b<7> NoMacFlag, b<6> GenKeyData, b<5> GenDigData, b<4>
SourceFlag, b<3:0> KeyID)
2 byte
Zeros
1 byte
SN<8> (never zeroed out)
4 bytes
SN<4:7> (or zeros, see Mode)
2 bytes
SN<0:1> (never zeroed out)
2 bytes
SN<2:3> (or zeros, see Mode)
1 byte
SlotLocked<TempKeyFlags.KeyID> (Byte is 0x01 if SlotLocked Bit is set otherwise
0x00)
1 byte
PubKey Valid (or zero, see above)
1 byte
0x00
This message is then hashed using the SHA-256 algorithm and passed to the ECDSA signature
computation engine.
9.19
UpdateExtra Command
The UpdateExtra command is used to update the values of the two extra bytes within the configuration
zone (location 84 and 85) after the configuration zone has been locked.
ATECC508A
Security Commands
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com